Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 40 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 40 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 36Page - Micrel Semiconductor KS8893ML Datasheet HTML 37Page - Micrel Semiconductor KS8893ML Datasheet HTML 38Page - Micrel Semiconductor KS8893ML Datasheet HTML 39Page - Micrel Semiconductor KS8893ML Datasheet HTML 40Page - Micrel Semiconductor KS8893ML Datasheet HTML 41Page - Micrel Semiconductor KS8893ML Datasheet HTML 42Page - Micrel Semiconductor KS8893ML Datasheet HTML 43Page - Micrel Semiconductor KS8893ML Datasheet HTML 44Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
40
M9999-063005
Port Mirroring Support
KS8893M supports “Port Mirroring” comprehensively as:
“receive only” mirror on a port
All the packets received on the port are mirrored on the sniffer port. For example, port 1 is programmed to
be “receive sniff” and port 3 is programmed to be the “sniffer port”. A packet received on port 1 is destined
to port 2 after the internal lookup. The KS8893M forwards the packet to both port 2 and port 3. The
KS8893M can optionally even forward “bad” received packets to the “sniffer port”.
“transmit only” mirror on a port
All the packets transmitted on the port are mirrored on the sniffer port. For example, port 1 is programmed
to be “transmit sniff” and port 3 is programmed to be the “sniffer port”. A packet received on port 2 is
destined to port 1 after the internal lookup. The KS8893M forwards the packet to both port 1 and port 3.
“receive and transmit” mirror on two ports
All the packets received on port A and transmitted on port B are mirrored on the sniffer port. To turn on
the “AND” feature, set register 5 bit [0] to ‘1’. For example, port 1 is programmed to be “receive sniff”, port
2 is programmed to be “transmit sniff”, and port 3 is programmed to be the “sniffer port”. A packet
received on port 1 is destined to port 2 after the internal lookup. The KS8893M forwards the packet to
both port 2 and port 3.
Multiple ports can be selected as “receive sniff” or “transmit sniff”. In addition, any port can be selected as the
“sniffer port”. All these per port features can be selected through registers 17, 33 and 49 for ports 1, 2 and 3,
respectively.
IEEE 802.1Q VLAN Support
The KS8893M supports 16 active VLANs out of the 4096 possible VLANs specified in the IEEE 802.1Q
specification. KS8893M provides a 16-entries VLAN Table, which converts the 12-bits VLAN ID (VID) to the 4-bits
Filter ID (FID) for address lookup. If a non-tagged or null-VID-tagged packet is received, the ingress port default
VID is used for lookup. In VLAN mode, the lookup process starts with VLAN Table lookup to determine whether
the VID is valid. If the VID is not valid, the packet is dropped and its address is not learned. If the VID is valid, the
FID is retrieved for further lookup. The FID + Destination Address (FID+DA) are used to determine the destination
port. The FID + Source Address (FID+SA) are used for address learning.
DA found in
Static MAC
Table?
Use FID flag?
FID match?
DA+FID
found in
Dynamic
MAC Table?
Action
No
Don’t care
Don’t care
No
Broadcast to the membership ports
defined in the VLAN Table bits [18:16]
No
Don’t care
Don’t care
Yes
Send to the destination port defined in the
Dynamic MAC Address Table bits [53:52]
Yes
0
Don’t care
Don’t care
Send to the destination port(s) defined in
the Static MAC Address Table bits [50:48]
Yes
1
No
No
Broadcast to the membership ports
defined in the VLAN Table bits [18:16]
Yes
1
No
Yes
Send to the destination port defined in the
Dynamic MAC Address Table bits [53:52]
Yes
1
Yes
Don’t care
Send to the destination port(s) defined in
the Static MAC Address Table bits [50:48]
Table 13. FID+DA Lookup in VLAN Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com