Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 1 Page - Micrel Semiconductor

  KS8893ML Datasheet HTML 1Page - Micrel Semiconductor KS8893ML Datasheet HTML 2Page - Micrel Semiconductor KS8893ML Datasheet HTML 3Page - Micrel Semiconductor KS8893ML Datasheet HTML 4Page - Micrel Semiconductor KS8893ML Datasheet HTML 5Page - Micrel Semiconductor KS8893ML Datasheet HTML 6Page - Micrel Semiconductor KS8893ML Datasheet HTML 7Page - Micrel Semiconductor KS8893ML Datasheet HTML 8Page - Micrel Semiconductor KS8893ML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
June 2005
1
M9999-063005
KS8893M/ML/MI
Integrated 3-Port 10/100 Managed Switch with PHYs
Preliminary Data Sheet Rev. 1.0
General Description
The KS8893M, a highly integrated layer 2 managed
switch, is designed for low port count, cost-sensitive
10/100 Mbps switch systems. It offers an extensive
feature set that includes rate limiting, tag/port-based
VLAN, QoS priority, management, management
information base (MIB) counters, MII/SNI, and CPU
control/data interfaces to effectively address both
current and emerging Fast Ethernet applications.
The KS8893M contains two 10/100 transceivers with
patented mixed-signal low-power technology, three
media access control (MAC) units, a high-speed
non-blocking switch fabric, a dedicated address
lookup engine, and an on-chip frame buffer memory.
Both PHY units support 10BASE-T and 100BASE-
TX. In addition, one PHY unit supports 100BASE-
FX.
The KS8893ML is the single power supply version
with all the identical rich features of the KS8893M.
___________________________________________________________________________________________________
Functional Diagram
1K LOOK-UP
ENGINE
QUEUE
MANAGEMENT
BUFFER
MANAGEMENT
FRAME
BUFFERS
MIB
COUNTERS
EEPROM
INTERFACE
10/100
MAC 1
10/100
MAC 2
10/100
MAC 3
10/100
T/TX/FX
PHY 1
10/100
T/TX
PHY 2
HP AUTO
MDIX
HP AUTO
MDIX
SNI
RMII/MII/
SNI
SPI
SPI
CONTROL
REGISTERS
MIIM
SMI
STRAP IN
CONFIGURATION
LED
DRIVERS
I2C
P1 LED[3:0]
P2 LED[3:0]


Similar Part No. - KS8893ML

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS8803 SAMSUNG-KS8803 Datasheet
109Kb / 9P
10/15 CH PLL
KS8803B SAMSUNG-KS8803B Datasheet
109Kb / 9P
10/15 CH PLL
KS8803BD SAMSUNG-KS8803BD Datasheet
109Kb / 9P
10/15 CH PLL
KS8808 SAMSUNG-KS8808 Datasheet
158Kb / 10P
PLL FREQUENCY SHNTHESIZER FOR PAGER
KS8808A SAMSUNG-KS8808A Datasheet
185Kb / 12P
PLL FREQUENCY SHNTHESIZER FOR PAGER
More results

Similar Description - KS8893ML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com