Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 90 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 90 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 86Page - Micrel Semiconductor KS8893ML Datasheet HTML 87Page - Micrel Semiconductor KS8893ML Datasheet HTML 88Page - Micrel Semiconductor KS8893ML Datasheet HTML 89Page - Micrel Semiconductor KS8893ML Datasheet HTML 90Page - Micrel Semiconductor KS8893ML Datasheet HTML 91Page - Micrel Semiconductor KS8893ML Datasheet HTML 92Page - Micrel Semiconductor KS8893ML Datasheet HTML 93Page - Micrel Semiconductor KS8893ML Datasheet HTML 94Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
90
M9999-063005
0x11
Rx256to511Octets
Total Rx packets (bad packets included) that are between 256 and 511 octets in
length
0x12
Rx512to1023Octets
Total Rx packets (bad packets included) that are between 512 and 1023 octets in
length
0x13
Rx1024to1522Octets
Total Rx packets (bad packets included) that are between 1024 and 1522 octets in
length (upper limit depends on max packet size setting)
0x14
TxLoPriorityByte
Tx lo-priority good octet count, including PAUSE packets
0x15
TxHiPriorityByte
Tx hi-priority good octet count, including PAUSE packets
0x16
TxLateCollision
The number of times a collision is detected later than 512 bit-times into the Tx of a
packet
0x17
TxPausePkts
Number of PAUSE frames transmitted by a port
0x18
TxBroadcastPkts
Tx good broadcast packets (not including error broadcast or valid multicast packets)
0x19
TxMulticastPkts
Tx good multicast packets (not including error multicast packets or valid broadcast
packets)
0x1A
TxUnicastPkts
Tx good unicast packets
0x1B
TxDeferred
Tx packets by a port for which the 1st Tx attempt is delayed due to the busy
medium
0x1C
TxTotalCollision
Tx total collision, half duplex only
0x1D
TxExcessiveCollision
A count of frames for which Tx fails due to excessive collisions
0x1E
TxSingleCollision
Successfully Tx frames on a port for which Tx is inhibited by exactly one collision
0x1F
TxMultipleCollision
Successfully Tx frames on a port for which Tx is inhibited by more than one collision
Table 20. Port 1’s “Per Port” MIB Counters Indirect Memory Offsets
Bit
Name
R/W
Description
Default
30-16
Reserved
N/A
Reserved
N/A
15-0
Counter Value
RO
Counter Value
0
Table 21. Format of “All Port Dropped Packet” MIB Counters
“All Port Dropped Packet” MIB counters are read using indirect memory access. The address offsets for these
counters are shown in the following table:
Offset
Counter Name
Description
0x100
Port1 TX Drop Packets
TX packets dropped due to lack of resources
0x101
Port2 TX Drop Packets
TX packets dropped due to lack of resources
0x102
Port3 TX Drop Packets
TX packets dropped due to lack of resources
0x103
Port1 RX Drop Packets
RX packets dropped due to lack of resources
0x104
Port2 RX Drop Packets
RX packets dropped due to lack of resources
0x105
Port3 RX Drop Packets
RX packets dropped due to lack of resources
Table 22. “All Port Dropped Packet” MIB Counters Indirect Memory Offsets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com