Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 59 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 59 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 55Page - Micrel Semiconductor KS8893ML Datasheet HTML 56Page - Micrel Semiconductor KS8893ML Datasheet HTML 57Page - Micrel Semiconductor KS8893ML Datasheet HTML 58Page - Micrel Semiconductor KS8893ML Datasheet HTML 59Page - Micrel Semiconductor KS8893ML Datasheet HTML 60Page - Micrel Semiconductor KS8893ML Datasheet HTML 61Page - Micrel Semiconductor KS8893ML Datasheet HTML 62Page - Micrel Semiconductor KS8893ML Datasheet HTML 63Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
59
M9999-063005
Register 6 (0x06): Global Control 4 (continued)
Bit
Name
R/W
Description
Default
4
Switch MII
10BT
R/W
= 1, the switch interface is in 10Mbps mode
= 0, the switch interface is in 100Mbps mode
Pin SMRXD1
strap option.
Pull-down(0):
Enable
100Mbps
Pull-up(1):
Enable
10Mbps
Note:
SMRXD1 has
internal pull-
down.
3
Null VID
Replacement
R/W
= 1, will replace NULL VID with port VID (12 bits)
= 0, no replacement for NULL VID
0
2-0
Broadcast
Storm
Protection
Rate
(1)
Bit [10:8]
R/W
This register along with the next register determines
how many “64 byte blocks” of packet data are
allowed on an input port in a preset period. The
period is 67ms for 100BT or 500ms for 10BT. The
default is 1%.
000
Register 7 (0x07): Global Control 5
Bit
Name
R/W
Description
Default
7-0
Broadcast
Storm
Protection
Rate
(1)
Bit [7:0]
R/W
This register along with the previous register
determines how many “64 byte blocks” of packet data
are allowed on an input port in a preset period. The
period is 67ms for 100BT or 500ms for 10BT. The
default is 1%.
0x63
Note:
(1) 100BT Rate: 148,800 frames/sec * 67 ms/interval * 1% = 99 frames/interval (approx.) = 0x63
Register 8 (0x08): Global Control 6
Bit
Name
R/W
Description
Default
7-0
Factory
Testing
R/W
Reserved
Do not change the default values.
0x00
Register 9 (0x09): Global Control 7
Bit
Name
R/W
Description
Default
7-0
Factory
Testing
R/W
Reserved
Do not change the default values.
0x24
Register 10 (0x0A): Global Control 8
Bit
Name
R/W
Description
Default
7-0
Factory
Testing
R/W
Reserved
Do not change the default values.
0x24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com