Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 31 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 31 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 27Page - Micrel Semiconductor KS8893ML Datasheet HTML 28Page - Micrel Semiconductor KS8893ML Datasheet HTML 29Page - Micrel Semiconductor KS8893ML Datasheet HTML 30Page - Micrel Semiconductor KS8893ML Datasheet HTML 31Page - Micrel Semiconductor KS8893ML Datasheet HTML 32Page - Micrel Semiconductor KS8893ML Datasheet HTML 33Page - Micrel Semiconductor KS8893ML Datasheet HTML 34Page - Micrel Semiconductor KS8893ML Datasheet HTML 35Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
31
M9999-063005
Switching Engine
The KS8893M features a high-performance switching engine to move data to and from the MACs’ packet buffers.
It operates in store and forward mode, while the efficient switching mechanism reduces overall latency.
The switching engine has a 32kB internal frame buffer. This buffer pool is shared between all three ports. There
are a total of 256 buffers available. Each buffer is sized at 128 bytes.
MAC Operation
The KS8893M strictly abides by IEEE 802.3 standards to maximize compatibility.
Inter Packet Gap (IPG)
If a frame is successfully transmitted, the 96 bits time IPG is measured between the two consecutive MTXEN. If
the current packet is experiencing collision, the 96 bits time IPG is measured from MCRS and the next MTXEN.
Back-Off Algorithm
The KS8893M implements the IEEE 802.3 standard for the binary exponential back-off algorithm, and optional
"aggressive mode" back-off. After 16 collisions, the packet is optionally dropped depending on the switch
configuration for register 4 (0x04) bit [3].
Late Collision
If a transmit packet experiences collisions after 512 bit times of the transmission, the packet is dropped.
Illegal Frames
The KS8893M discards frames less than 64 bytes, and can be programmed to accept frames up to1518 bytes,
1536 bytes or 1916 bytes. These maximum frame size settings are programmed in register 4 (0x04). Since the
KS8893M supports VLAN tags, the maximum sizing is adjusted when these tags are present.
Full Duplex Flow Control
The KS8893M supports standard IEEE 802.3x flow control frames on both transmit and receive sides.
On the receive side, if the KS8893M receives a pause control frame, the KS8893M will not transmit the next
normal frame until the timer, specified in the pause control frame, expires. If another pause frame is received
before the current timer expires, the timer will be updated with the new value in the second pause frame. During
this period (while it is flow controlled), only flow control packets from the KS8893M are transmitted.
On the transmit side, the KS8893M has intelligent and efficient ways to determine when to invoke flow control.
The flow control is based on availability of the system resources, including available buffers, available transmit
queues and available receive queues.
The KS8893M will flow control a port that has just received a packet if the destination port resource is busy. The
KS8893M issues a flow control frame (XOFF), containing the maximum pause time defined by the IEEE 802.3x
standard. Once the resource is freed up, the KS8893M sends out the other flow control frame (XON) with zero
pause time to turn off the flow control (turn on transmission to the port). A hysteresis feature is provided to prevent
the flow control mechanism from being constantly activated and deactivated.
The KS8893M flow controls all ports if the receive queue becomes full.
Half-Duplex Backpressure
A half-duplex backpressure option (not in IEEE 802.3 standards) is also provided. The activation and deactivation
conditions are the same as full duplex flow control. If backpressure is required, the KS8893M sends preambles to
defer the other stations' transmission (carrier sense deference).
To avoid jabber and excessive deference (as defined in the 802.3 standard), after a certain time, the KS8893M
discontinues the carrier sense and then raises it again quickly. This short silent time (no carrier sense) prevents
other stations from sending out packets thus keeping other stations in a carrier sense deferred state. If the port
has packets to send during a backpressure situation, the carrier sense type backpressure is interrupted and those
packets are transmitted instead. If there are no additional packets to send, carrier sense type backpressure is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com