Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 17Page - Micrel Semiconductor KS8893ML Datasheet HTML 18Page - Micrel Semiconductor KS8893ML Datasheet HTML 19Page - Micrel Semiconductor KS8893ML Datasheet HTML 20Page - Micrel Semiconductor KS8893ML Datasheet HTML 21Page - Micrel Semiconductor KS8893ML Datasheet HTML 22Page - Micrel Semiconductor KS8893ML Datasheet HTML 23Page - Micrel Semiconductor KS8893ML Datasheet HTML 24Page - Micrel Semiconductor KS8893ML Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
21
M9999-063005
Functional Description
The KS8893M contains two 10/100 physical layer transceivers and three MAC units with an integrated Layer 2
managed switch.
The KS8893M has the flexibility to reside in either a managed or unmanaged design. In a managed design, the
host processor has complete control of the KS8893M via the SMI interface, MIIM interface, SPI bus, or I
2C bus.
An unmanaged design is achieved through I/O strapping and/or EEPROM programming at system reset time.
On the media side, the KS8893M supports IEEE 802.3 10BASE-T and 100BASE-TX on both PHY ports, and also
100BASE-FX on PHY port 1, which allows the KS8893M to be used as a media converter.
The KS8893ML is the single supply version with all the identical rich features of the KS8893M. In the KS8893ML
version, pin number 22 provides 1.2V output power to the KS8893ML’s VDDC, VDDA, and VDDAP power pins. Refer
to the Pin Description table for information about pin 22 (Pin Description and I/0 Assignment).
Physical signal transmission and reception are enhanced through the use of patented analog circuitries that make
the design more efficient and allow for lower power consumption and smaller chip die size.
Functional Overview: Physical Layer Transceiver
100BASE-TX Transmit
The 100BASE-TX transmit function performs parallel-to-serial conversion, 4B/5B coding, scrambling, NRZ-to-
NRZI conversion, and MLT3 encoding and transmission.
The circuitry starts with a parallel-to-serial conversion, which converts the MII data from the MAC into a 125MHz
serial bit stream. The data and control stream is then converted into 4B/5B coding, followed by a scrambler. The
serialized data is further converted from NRZ-to-NRZI format, and then transmitted in MLT3 current output. The
output current is set by an external1% 3.01K
Ω resistor for the 1:1 transformer ratio.
The output signal has a typical rise/fall time of 4ns and complies with the ANSI TP-PMD standard regarding
amplitude balance, overshoot, and timing jitter. The wave-shaped 10BASE-T output is also incorporated into the
100BASE-TX transmitter.
100BASE-TX Receive
The 100BASE-TX receiver function performs adaptive equalization, DC restoration, MLT3-to-NRZI conversion,
data and clock recovery, NRZI-to-NRZ conversion, de-scrambling, 4B/5B decoding, and serial-to-parallel
conversion.
The receiving side starts with the equalization filter to compensate for inter-symbol interference (ISI) over the
twisted pair cable. Since the amplitude loss and phase distortion is a function of the cable length, the equalizer
must adjust its characteristics to optimize performance. In this design, the variable equalizer makes an initial
estimation based on comparisons of incoming signal strength against some known cable characteristics, and then
tunes itself for optimization. This is an ongoing process and self-adjusts against environmental changes such as
temperature variations.
Next, the equalized signal goes through a DC restoration and data conversion block. The DC restoration circuit is
used to compensate for the effect of baseline wander and to improve the dynamic range. The differential data
conversion circuit converts the MLT3 format back to NRZI. The slicing threshold is also adaptive.
The clock recovery circuit extracts the 125MHz clock from the edges of the NRZI signal. This recovered clock is
then used to convert the NRZI signal into the NRZ format. This signal is sent through the de-scrambler followed
by the 4B/5B decoder. Finally, the NRZ serial data is converted to the MII format and provided as the input data to
the MAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com