Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 39 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 39 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 35Page - Micrel Semiconductor KS8893ML Datasheet HTML 36Page - Micrel Semiconductor KS8893ML Datasheet HTML 37Page - Micrel Semiconductor KS8893ML Datasheet HTML 38Page - Micrel Semiconductor KS8893ML Datasheet HTML 39Page - Micrel Semiconductor KS8893ML Datasheet HTML 40Page - Micrel Semiconductor KS8893ML Datasheet HTML 41Page - Micrel Semiconductor KS8893ML Datasheet HTML 42Page - Micrel Semiconductor KS8893ML Datasheet HTML 43Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
39
M9999-063005
For packets from regular ports (port 1 & port 2) to port 3, the port mask is used to tell the processor which port the
packets were received on, defined as follows:
“0001”, packet from port 1
“0010”, packet from port 2
No port mask values, other than the previous two defined ones, should be received in this direction in Special
Tagging Mode. The switch to processor egress rules are defined as follows:
Ingress Packets
Egress Action to Tag Field
Tagged with 0x8100 + TCI
- Modify TPID to 0x810 + “port mask”, which indicates source port.
- No change to TCI if VID is not null
- Replace null VID with ingress port VID
- Recalculate CRC
Not tagged.
- Insert TPID to 0x810 + “port mask”, which indicates source port
- Insert TCI with ingress port VID
- Recalculate CRC
Table 12. STPID Egress Rules (Switch Port 3 to Processor)
IGMP Support
For Internet Group Management Protocol (IGMP) support in layer 2, the KS8893M provides two components:
IGMP Snooping
The KS8893M traps IGMP packets and forwards them only to the processor (port 3). The IGMP packets are
identified as IP packets (either Ethernet IP packets, or IEEE 802.3 SNAP IP packets) with IP version = 0x4 and
protocol version number = 0x2.
Multicast Address Insertion in the Static MAC Table
Once the multicast address is programmed in the Static MAC Table, the multicast session is trimmed to the
subscribed ports, instead of broadcasting to all ports.
To enable IGMP support, set register 5 bit [6] to ‘1’. Also, Special Tagging Mode needs to be enabled, so that the
processor knows which port the IGMP packet was received on. This is achieved by setting both register 11 bit [0]
and register 48 bit [2] to ‘1’.
IPv6 MLD Snooping
The KS8893M traps IPv6 Multicast Listener Discovery (MLD) packets and forwards them only to the processor
(port 3). MLD snooping is controlled by register 5 bit 5 (MLD snooping enable) and register 5 bit 4 (MLD option).
With MLD snooping enabled, the KS8893M traps packets that meet all of the following conditions:
•
IPv6 multicast packets
•
Hop count limit = 1
•
IPv6 next header = 1 or 58 (or = 0 with hop-by-hop next header = 1 or 58)
If the MLD option bit is set to “1”, the KS8893M traps packets with the following additional condition:
•
IPv6 next header = 43, 44, 50, 51, or 60 (or = 0 with hop-by-hop next header = 43, 44, 50, 51, or
60)
For MLD snooping, Special Tagging Mode also needs to be enabled, so that the processor knows which port the
MLD packet was received on. This is achieved by setting both register 11 bit [0] and register 48 bit [2] to ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com