Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 2Page - Micrel Semiconductor KS8893ML Datasheet HTML 3Page - Micrel Semiconductor KS8893ML Datasheet HTML 4Page - Micrel Semiconductor KS8893ML Datasheet HTML 5Page - Micrel Semiconductor KS8893ML Datasheet HTML 6Page - Micrel Semiconductor KS8893ML Datasheet HTML 7Page - Micrel Semiconductor KS8893ML Datasheet HTML 8Page - Micrel Semiconductor KS8893ML Datasheet HTML 9Page - Micrel Semiconductor KS8893ML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
6
M9999-063005
IPv6 MLD Snooping.............................................................................................................................................................39
Port Mirroring Support........................................................................................................................................................40
IEEE 802.1Q VLAN Support ................................................................................................................................................40
QoS Priority Support...........................................................................................................................................................41
Port-Based Priority..............................................................................................................................................................41
802.1p-Based Priority..........................................................................................................................................................41
DiffServ-Based Priority .......................................................................................................................................................42
Rate Limiting Support.........................................................................................................................................................42
Unicast MAC Address Filtering..........................................................................................................................................42
Configuration Interface .......................................................................................................................................................43
I
2C Master Serial Bus Configuration ..............................................................................................................................43
I
2C Slave Serial Bus Configuration ................................................................................................................................44
SPI Slave Serial Bus Configuration ...............................................................................................................................44
Loopback Support...............................................................................................................................................................47
Far-end Loopback..........................................................................................................................................................47
Near-end (Remote) Loopback .......................................................................................................................................48
MII Management (MIIM) Registers .......................................................................................................49
PHY1 Register 0 (PHYAD = 0x1, REGAD = 0x0): MII Basic Control.........................................................................50
PHY2 Register 0 (PHYAD = 0x2, REGAD = 0x0): MII Basic Control.........................................................................50
PHY1 Register 1 (PHYAD = 0x1, REGAD = 0x1): MII Basic Status...........................................................................51
PHY2 Register 1 (PHYAD = 0x2, REGAD = 0x1): MII Basic Status...........................................................................51
PHY1 Register 2 (PHYAD = 0x1, REGAD = 0x2): PHYID High ..................................................................................51
PHY2 Register 2 (PHYAD = 0x2, REGAD = 0x2): PHYID High ..................................................................................51
PHY1 Register 3 (PHYAD = 0x1, REGAD = 0x3): PHYID Low ...................................................................................51
PHY2 Register 3 (PHYAD = 0x2, REGAD = 0x3): PHYID Low ...................................................................................51
PHY1 Register 4 (PHYAD = 0x1, REGAD = 0x4): Auto-Negotiation Advertisement Ability ...................................52
PHY2 Register 4 (PHYAD = 0x2, REGAD = 0x4): Auto-Negotiation Advertisement Ability ...................................52
PHY1 Register 5 (PHYAD = 0x1, REGAD = 0x5): Auto-Negotiation Link Partner Ability .......................................52
PHY2 Register 5 (PHYAD = 0x2, REGAD = 0x5): Auto-Negotiation Link Partner Ability .......................................52
PHY1 Register 29 (PHYAD = 0x1, REGAD = 0x1D): LinkMD Control/Status...........................................................53
PHY2 Register 29 (PHYAD = 0x2, REGAD = 0x1D): LinkMD Control/Status...........................................................53
PHY1 Register 31 (PHYAD = 0x1, REGAD = 0x1F): PHY Special Control/Status ...................................................53
PHY2 Register 31 (PHYAD = 0x2, REGAD = 0x1F): PHY Special Control/Status ...................................................53
Register Map: Switch & PHY (8-bit registers) ....................................................................................54
Global Registers ............................................................................................................................................................54
Port Registers ................................................................................................................................................................54
Advanced Control Registers ..........................................................................................................................................54
Global Registers..................................................................................................................................................................54
Register 0 (0x00): Chip ID0 ...........................................................................................................................................54
Register 1 (0x01): Chip ID1 / Start Switch .....................................................................................................................55
Register 2 (0x02): Global Control 0 ...............................................................................................................................55
Register 3 (0x03): Global Control 1 ...............................................................................................................................56
Register 4 (0x04): Global Control 2 ...............................................................................................................................56
Register 4 (0x04): Global Control 2 (continued).............................................................................................................57
Register 5 (0x05): Global Control 3 ...............................................................................................................................57
Register 5 (0x05): Global Control 3 (continued).............................................................................................................58
Register 6 (0x06): Global Control 4 ...............................................................................................................................58
Register 6 (0x06): Global Control 4 (continued).............................................................................................................59
Register 7 (0x07): Global Control 5 ...............................................................................................................................59
Register 8 (0x08): Global Control 6 ...............................................................................................................................59
Register 9 (0x09): Global Control 7 ...............................................................................................................................59
Register 10 (0x0A): Global Control 8 .............................................................................................................................59
Register 11 (0x0B): Global Control 9 .............................................................................................................................60
Register 12 (0x0C): Global Control 10...........................................................................................................................60
Register 13 (0x0D): Global Control 11...........................................................................................................................61
Register 14 (0x0E): Global Control 12 ...........................................................................................................................61
Register 15 (0x0F): Global Control 13 ...........................................................................................................................61
Port Registers......................................................................................................................................................................62
Register 16 (0x10): Port 1 Control 0 ..............................................................................................................................62
Register 32 (0x20): Port 2 Control 0 ..............................................................................................................................62
Register 48 (0x30): Port 3 Control 0 ..............................................................................................................................62
Register 17 (0x11): Port 1 Control 1 ..............................................................................................................................63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com