Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 35 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 35 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 31Page - Micrel Semiconductor KS8893ML Datasheet HTML 32Page - Micrel Semiconductor KS8893ML Datasheet HTML 33Page - Micrel Semiconductor KS8893ML Datasheet HTML 34Page - Micrel Semiconductor KS8893ML Datasheet HTML 35Page - Micrel Semiconductor KS8893ML Datasheet HTML 36Page - Micrel Semiconductor KS8893ML Datasheet HTML 37Page - Micrel Semiconductor KS8893ML Datasheet HTML 38Page - Micrel Semiconductor KS8893ML Datasheet HTML 39Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
35
M9999-063005
The SNI interface is a bit wide data interface and therefore runs at the network bit rate (not encoded). An
additional signal on the transmit side indicates when data is valid. Similarly, the receive side has an indicator that
conveys when the data is valid.
For half duplex operation, the KS8893M’s SCOL signal is used to indicate that a collision has occurred during
transmission.
MII Management Interface (MIIM)
The KS8893M supports the IEEE 802.3 MII Management Interface, also known as the Management Data
Input/Output (MDIO) Interface. This interface allows upper-layer devices to monitor and control the states of the
KS8893M. An external device with MDC/MDIO capability is used to read the PHY status or configure the PHY
settings. Further detail on the MIIM interface is found in Clause 22.2.4.5 of the IEEE 802.3u Specification.
The MIIM interface consists of the following:
A physical connection that incorporates the data line (MDIO) and the clock line (MDC).
A specific protocol that operates across the aforementioned physical connection that allows an external
controller to communicate with the KS8893M device.
Access to a set of eight 16-bit registers, consisting of six standard MIIM registers [0:5] and two custom
MIIM registers [29, 31].
The following table depicts the MII Management Interface frame format.
Preamble
Start of
Frame
Read/Write
OP Code
PHY
Address
Bits [4:0]
REG
Address
Bits [4:0]
TA
Data
Bits [15:0]
Idle
Read
32 1’s
01
10
AAAAA
RRRRR
Z0
DDDDDDDD_DDDDDDDD
Z
Write
32 1’s
01
01
AAAAA
RRRRR
10
DDDDDDDD_DDDDDDDD
Z
Table 7. MII Management Interface Frame Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com