Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 82 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 82 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 78Page - Micrel Semiconductor KS8893ML Datasheet HTML 79Page - Micrel Semiconductor KS8893ML Datasheet HTML 80Page - Micrel Semiconductor KS8893ML Datasheet HTML 81Page - Micrel Semiconductor KS8893ML Datasheet HTML 82Page - Micrel Semiconductor KS8893ML Datasheet HTML 83Page - Micrel Semiconductor KS8893ML Datasheet HTML 84Page - Micrel Semiconductor KS8893ML Datasheet HTML 85Page - Micrel Semiconductor KS8893ML Datasheet HTML 86Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
82
M9999-063005
Register 111 (0x6F): TOS Priority Control Register 15
Bit
Name
R/W
Description
Default
7-6
DSCP[127:126]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xFC.
00
5-4
DSCP[125:124]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xF8.
00
3-2
DSCP[123:122]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xF4.
00
1-0
DSCP[121:120]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xF0.
00
Registers 112 to 117
Registers 112 to 117 contain the switch engine’s MAC address. This 48-bit address is used as the Source
Address for the MAC’s full duplex flow control (PAUSE) frame.
Register 112 (0x70): MAC Address Register 0
Bit
Name
R/W
Description
Default
7-0
MACA[47:40]
R/W
0x00
Register 113 (0x71): MAC Address Register 1
Bit
Name
R/W
Description
Default
7-0
MACA[39:32]
R/W
0x10
Register 114 (0x72): MAC Address Register 2
Bit
Name
R/W
Description
Default
7-0
MACA[31:24]
R/W
0xA1
Register 115 (0x73): MAC Address Register 3
Bit
Name
R/W
Description
Default
7-0
MACA[23:16]
R/W
0xFF
Register 116 (0x74): MAC Address Register 4
Bit
Name
R/W
Description
Default
7-0
MACA[15:8]
R/W
0xFF
Register 117 (0x75): MAC Address Register 5
Bit
Name
R/W
Description
Default
7-0
MACA[7:0]
R/W
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com