Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 14Page - Texas Instruments TLC6989 Datasheet HTML 15Page - Texas Instruments TLC6989 Datasheet HTML 16Page - Texas Instruments TLC6989 Datasheet HTML 17Page - Texas Instruments TLC6989 Datasheet HTML 18Page - Texas Instruments TLC6989 Datasheet HTML 19Page - Texas Instruments TLC6989 Datasheet HTML 20Page - Texas Instruments TLC6989 Datasheet HTML 21Page - Texas Instruments TLC6989 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
TLC6989 and write 1 to CLR_FLAG to clear the flags. The error flag has to be cleared to be able to store new
CCSI data words on the TXFIFO and the CCSI controller can start transmitting.
7.3.4.7.4 RXFIFO Overflow
When the RXFIFO is full (RXFFST = 0x0FF) and new data words are received by the CCSI peripheral which
have to be stored in the RXFIFO, the FLAG_RXFFOVF, FLAG_RXFF, and FLAG_ERR are set to 1. The RXFIFO
is not cleared and data can still be accessed by the SPI controller. The SPI controller can access the TLC6989
and write 1 to CLR_FLAG to clear the flags. The CCSI peripheral can only start storing new data in the
RXFIFO after the error flag is cleared. The storage starts from the first CCSI head_byte that is received from a
FWD_RD_END or FWD_RD_END_CRC SPI command.
7.3.4.7.5 RXFIFO Underflow
When the RXFIFO is empty (RXFFST = 0x0) and the SPI peripheral tries to read new data words from the
RXFIFO, the FLAG_RXFFUVF, FLAG_RXFF, and FLAG_ERR are set to 1. The SPI controller can access the
TLC6989 and write 1 to CLR_FLAG to clear the flags. The CCSI peripheral can only start storing new data in the
RXFIFO after the error flag is cleared. The storage starts from the first CCSI head_byte that is received from a
FWD_RD_END or FWD_RD_END_CRC SPI command.
7.3.4.7.6 RXFIFO Single Error Detection (SED)
The RXFIFO is protected with a parity bit. When a single bit error is detected during a read operation from the
RXFIFO, the FLAG_RXFFSED, FLAG_RXFF, and FLAG_ERR are set to 1. The SPI controller can access the
TLC6989 and write 1 to CLR_FLAG to clear the flags.
7.3.4.8 OTP CRC Error
The internal OTP is protected by an 8-bit CRC based on the polynomial X8 + X2 + X + 1. When the device
powers up, the OTP is read and the read CRC is compared to the calculated CRC of all the read OTP bytes.
When the CRC does not match, the FLAG_OTP_CRC and FLAG_ERR are set to 1. This flag cannot be cleared
by the SPI controller. The device remains in Initialization state. Only powering down and up VCC can restart the
reading of the OTP.
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com