Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 10Page - Texas Instruments TLC6989 Datasheet HTML 11Page - Texas Instruments TLC6989 Datasheet HTML 12Page - Texas Instruments TLC6989 Datasheet HTML 13Page - Texas Instruments TLC6989 Datasheet HTML 14Page - Texas Instruments TLC6989 Datasheet HTML 15Page - Texas Instruments TLC6989 Datasheet HTML 16Page - Texas Instruments TLC6989 Datasheet HTML 17Page - Texas Instruments TLC6989 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
7.3.3.1 FIFO level and Data Ready (DRDY) Interrupt
The TXFIFO level (TXFFLVL) controls the start of the transmission of the CCSI controller for SPI forward
commands that are independent of the SPI CRC. With correct setting of the FIFO level, FIFO overflow and
underflow can be prevented. The setting is dependent on the difference between the SPI clock frequency and
CCSI clock frequency, the accuracy of the clock provided to the SPI peripheral, accuracy of the clock of the
CCSI controller, and the maximum length of data that is being forwarded.
The RXFIFO level (RXFFLVL) controls the Data Ready (DRDY) interrupt. When the number of data words on the
RXFIFO exceed the RXFFLVL, the DRDY pin becomes logic LOW. This DRDY pin remains logic LOW until there
are no more words on the RXFIFO. The RXFFLVL setting has the same dependencies as the TXFFLVL except
the maximum length of data that is being forwarded is replaced by the maximum number of data words that is
received by the CCSI peripheral. An example of the DRDY pin's behavior is depicted in Figure 7-7.
SIN
RXFFST
Data0
Data1
Data2
Data3
DRDY
0
2
0
END
SDO
Data0
Data1
Data2
Data3
CRC
DATA RD
SDI
CRC
1
3
4
3
2
1
Figure 7-7. Example of DRDY pin with RXFFLVL register set to 3
The DRDY pin also becomes logic LOW when an END byte is detected and the number of words on the RXFIFO
has not reached the RXFFLVL yet.
7.3.3.2 FIFO Clearance
To stop an ongoing CCSI transmission, the TXFIFO can be cleared by bit TXFFCLR in register TXFFLVL. This
resets the TXFIFO counter (TXFFST) to 0. All the commands in the queue are cleared. The CCSI controller
automatically inserts an END byte to reset the LED drivers. The CCSI peripheral continues to work as normal.
The TXFFCLR bit automatically returns to 0.
The data on the RXFIFO can be cleared by bit RXFFCLR in register RXFFLVL. This resets the RXFIFO counter
(RXFFST) to 0. If the CCSI peripheral is receiving data that needs to be stored on the RXFIFO, the storage is
stopped for this command. The next CCSI command received by the CCSI peripheral follows the original request
of the SPI command. The CCSI controller continues to work as normal. The RXFFCLR bit automatically returns
to 0.
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com