Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 20 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 16Page - Texas Instruments TLC6989 Datasheet HTML 17Page - Texas Instruments TLC6989 Datasheet HTML 18Page - Texas Instruments TLC6989 Datasheet HTML 19Page - Texas Instruments TLC6989 Datasheet HTML 20Page - Texas Instruments TLC6989 Datasheet HTML 21Page - Texas Instruments TLC6989 Datasheet HTML 22Page - Texas Instruments TLC6989 Datasheet HTML 23Page - Texas Instruments TLC6989 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
7.3.4.10 Diagnostics Table
Table 7-1. Diagnostics Table
FAULT TYPE
DETECTION CRITERIA
CONDITIONS
FAULT ACTIONS
FAULT OUTPUT
FAULT PIN
VCC UVLO
VCC < VUVF
Device switch to
Unpowered state
FLAG_POR
FLAG_ERR
Constant pulled
down
Oscillator error
tWD,OSC overflows
No action
FLAG_OSC
FLAG_ERR
Constant pulled
down
SPI communication
loss fault
tSPI_WDT overflows
Device enters
FAILSAFE state
DEV_STATE = FAILSAFE
FLAG_ERR
Constant pulled
down
SPI command
timeout fault
tSPI_RST_TIMEOUT overflows
Reset SPI logic
FLAG_SPI_TIMEOUT
FLAG_SPI
FLAG_ERR
Constant pulled
down
SPI Chip Select
(CS) fault
CS pin is pulled high in middle of SPI
command
Reset SPI logic
FLAG_SPI_CS
FLAG_SPI
FLAG_ERR
Constant pulled
down
SPI CRC error
Calculated CRC is different than received
CRC
No action
FLAG_SPI_CRC
FLAG_ERR (maskable)
Constant pulled
down (maskable)
Register write failure
CCSICTRL is written during CCSI
controller/peripheral activity
No action
FLAG_SPI_REG_WRITE
No action
SIN stuck error
tWD,SIN overflows
No action
FLAG_CCSI_SIN
FLAG_CCSI
FLAG_ERR (maskable)
Constant pulled
down (maskable)
CCSI CHECK bit
error
CHECK bit is not the inverted of the 16th bit
value
No action
FLAG_CCSI_CHECK_BIT
FLAG_CCSI
FLAG_ERR (maskable)
Constant pulled
down (maskable)
CCSI CRC error
CCSI SOUT Head_bytes and
Data_bytes_N result in a different CRC
value than what is received on SIN
Head_bytes = VSYNC (0xAAF0)
or
write FCx (0xAA00 - 0xAA0F)
No action
FLAG_CCSI_CRC
FLAG_CCSI
FLAG_ERR (maskable)
Constant pulled
down (maskable)
CCSI Command
Queue overflow
Command queue is full
and
SPI receives new CCSI command
CCSI controller
stops (if ongoing)
and TXFFST is set
to 0
FLAG_CCSI_CMD_QUEUE_OVF
FLAG_CCSI
FLAG_ERR
Constant pulled
down
TXFIFO overflow
TXFFST = 511
and
SPI data word needs to be stored
SPI command type starts with FWD
CCSI controller
stops (if ongoing)
and TXFFST is set
to 0
FLAG_TXFFOVF
FLAG_TXFF
FLAG_ERR
Constant pulled
down
TXFIFO underflow
TXFFST = 0
and
CCSI controller requests a new word for
transmission
CCSI controller
stops
FLAG_TXFFUVF
FLAG_TXFF
FLAG_ERR
Constant pulled
down
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com