Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 6Page - Texas Instruments TLC6989 Datasheet HTML 7Page - Texas Instruments TLC6989 Datasheet HTML 8Page - Texas Instruments TLC6989 Datasheet HTML 9Page - Texas Instruments TLC6989 Datasheet HTML 10Page - Texas Instruments TLC6989 Datasheet HTML 11Page - Texas Instruments TLC6989 Datasheet HTML 12Page - Texas Instruments TLC6989 Datasheet HTML 13Page - Texas Instruments TLC6989 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
7.3 Feature Description
7.3.1 Internal Oscillator and Clocks
7.3.1.1 System Clock
The TLC6989 has an internal oscillator which provides a 40MHz system clock for the device. The system clock
is used to operate the digital logic.
Internal Oscillator Watchdog
The internal oscillator watchdog timer (tWD,OSC) is automatically enabled upon exit from POR. If the internal
oscillator stops toggling for more than tWD,OSC, the watchdog expires and holds the logic in reset (POR) until the
oscillator begins toggling again. The internal oscillator is used as the system clock.
7.3.1.2 Continuous Clock Serial Interface (CCSI) Clock
The clock for transmitting data by the CCSI controller is derived from the system clock. There are 16 divider
options available (CCSI_DATA_RATE in register CCSICTRL) to achieve the desired clock frequency for the
daisy chain of LED drivers.
The CCSI clock can be modulated by a programmable digital spread spectrum to improve the system level EMI
performance. Field CCSI_SS_CLKO in register CCSICTRL determines if the spread spectrum is enabled. When
CCSI_DATA_RATE * CCSI_SS_CLKO * 2 is smaller than 120kBit/s, a modulation frequency of 30kHz is used.
Otherwise the modulation frequency is 120kHz.
7.3.2 Continuous Clock Serial Interface (CCSI)
The continuous clock series interface (CCSI) provides access to the programmable functions and registers of
the LED drivers that are connected in a daisy chain between the CCSI controller and CCSI peripheral. The
serial data output (SOUT) and serial clock output (CLK_O) are used for the CCSI controller. When the CCSI
controller is not transmitting, the SOUT is set to logic HIGH, while the CLK_O remains active and continuous.
The continuous clock starts after the device powers up. To start transmission by the CCSI controller, the device
needs to be in NORMAL state and the flag FLAG_POR has to be cleared.
The CCSI peripheral consists of one wire, which is the serial data input (SIN). The data is shifted in using the
same clock source as CLK_O.
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com