Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 66 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 62Page - Texas Instruments TLC6989 Datasheet HTML 63Page - Texas Instruments TLC6989 Datasheet HTML 64Page - Texas Instruments TLC6989 Datasheet HTML 65Page - Texas Instruments TLC6989 Datasheet HTML 66Page - Texas Instruments TLC6989 Datasheet HTML 67Page - Texas Instruments TLC6989 Datasheet HTML 68Page - Texas Instruments TLC6989 Datasheet HTML 69Page - Texas Instruments TLC6989 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
www.ti.com
PACKAGE OUTLINE
C
3.1
2.9
3.1
2.9
0.8
0.6
0.05
0.00
2X 2.5
10X 0.5
12X
0.52
0.32
12X
0.3
0.2
2.5 0.1
1.3 0.1
(0.1) TYP
(0.43) TYP
WSON - 0.8 mm max height
DRR0012G
PLASTIC SMALL OUTLINE - NO LEAD
4227052/A 08/2021
0.08 C
0.1
C A B
0.05
C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.3)
SYMM
EXPOSED
THERMAL PAD
SYMM
1
6
7
12
13
SCALE 4.000
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com