Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 1 Page - Texas Instruments

  TLC6989 Datasheet HTML 1Page - Texas Instruments TLC6989 Datasheet HTML 2Page - Texas Instruments TLC6989 Datasheet HTML 3Page - Texas Instruments TLC6989 Datasheet HTML 4Page - Texas Instruments TLC6989 Datasheet HTML 5Page - Texas Instruments TLC6989 Datasheet HTML 6Page - Texas Instruments TLC6989 Datasheet HTML 7Page - Texas Instruments TLC6989 Datasheet HTML 8Page - Texas Instruments TLC6989 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
TLC6989 SPI-Compatible Connectivity
for TLC698x Device Family
1 Features
• Operating voltage VCC range: 2.5V to 5.5V
• SPI peripheral
– Data transfer rate up to 20MHz
– Support multiple peripherals with one controller
• Continuous Clock Serial Interface (CCSI)
Controller and Peripheral
– Data transfer rate up to 20MHz
– Programmable clock jitter for EMI enhancement
• Diagnostics
– Open-drain FAULT pin
– SPI communication loss detection
– CRC for SPI communication
– CCSI data integrity
• Data ready interrupt for availability of data
2 Applications
• SPI compatible connectivity for TLC6983 and
TLC6984
3 Description
The TLC6989 SPI-compatible connectivity enables
TLC698x device family to be controlled using a
standard SPI controller. The device features an
internal oscillator to generate the continuous clock
required by the TLC698x device family. Jitter can be
added to the continuous clock for EMI enhancement.
The transmitted data is aligned to the continuous
clock to maintain the timing requirements of the CCSI
interface.
TLC6989 incorporates reporting of faults in both the
TLC698x daisy chain and TLC6989 internal. Data
transmission of register and VSYNC commands to the
TLC698x daisy chain is CRC protected by TLC6989.
In addition, the data line is guarded by TLC6989 for
stuck-at faults.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TLC6989
SOT-23-THN (14)
4.20mm x 2.00mm
WSON (12)
3.00mm x 3.00mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value.
TLC6989
SDI
SCLK
GND
CLK_O
SOUT
SIN
LED Driver
VCC/VR
FAULT
SDO
VCC
DRDY
CS
LED Driver
VB/VG
Figure 3-1. Typical Application Diagram
TLC6989
SLVSHF5 – NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLC6989

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6989 TI2-TLC6989 Datasheet
2Mb / 71P
TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
NOVEMBER 2024
TLC6989DRRR TI2-TLC6989DRRR Datasheet
2Mb / 71P
TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
NOVEMBER 2024
TLC6989DRRR.A TI2-TLC6989DRRR.A Datasheet
2Mb / 71P
TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
NOVEMBER 2024
TLC6989DYYR TI2-TLC6989DYYR Datasheet
2Mb / 71P
TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
NOVEMBER 2024
TLC6989DYYR.A TI2-TLC6989DYYR.A Datasheet
2Mb / 71P
TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
NOVEMBER 2024
More results

Similar Description - TLC6989

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RH56D-PCI ETC-RH56D-PCI Datasheet
357Kb / 60P
MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
HardCopy II Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
Programmable Logic Device Family
logo
List of Unclassifed Man...
UD1100002-01 ETC2-UD1100002-01 Datasheet
287Kb / 2P
RELIABLE DEVICE SERVERS FOR AFFORDABLE SERIAL-TO-ETHERNET CONNECTIVITY
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_14 Datasheet
526Kb / 18P
SerialPeripheralInterface(SPI)Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
526Kb / 18P
SerialPeripheralInterface(SPI)Compatible
logo
STMicroelectronics
AN3254 STMICROELECTRONICS-AN3254 Datasheet
661Kb / 24P
SPI protocol for the STPMC1 metering device
19-Nov-2010
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
Telemaco2 family of telematics and connectivity microprocessors
11-Sep-2015
STA1385 STMICROELECTRONICS-STA1385 Datasheet
221Kb / 6P
Telemaco3P automotive family of telematics and connectivity microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com