Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 45 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 41Page - Texas Instruments TLC6989 Datasheet HTML 42Page - Texas Instruments TLC6989 Datasheet HTML 43Page - Texas Instruments TLC6989 Datasheet HTML 44Page - Texas Instruments TLC6989 Datasheet HTML 45Page - Texas Instruments TLC6989 Datasheet HTML 46Page - Texas Instruments TLC6989 Datasheet HTML 47Page - Texas Instruments TLC6989 Datasheet HTML 48Page - Texas Instruments TLC6989 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
7.6.11 RXFFST Register (Address = 0xA) [Reset = 0x0000]
RXFFST is shown in Figure 7-33 and described in Table 7-15.
Return to the DEVICE Registers Summary Table.
Figure 7-33. RXFFST Register
15
14
13
12
11
10
9
8
FLAG_RXFFOVF FLAG_RXFFUVF FLAG_RXFFSED
RESERVED
R-0x0
R-0x0
R-0x0
R-0x0
7
6
5
4
3
2
1
0
RXFFST
R-0x0
Table 7-15. RXFFST Register Field Descriptions
Bit
Field
Type
Reset
Description
15
FLAG_RXFFOVF
R
0x0
Overflow error on Receive FIFO
14
FLAG_RXFFUVF
R
0x0
Underflow error on Receive FIFO
13
FLAG_RXFFSED
R
0x0
Single Error Detection on Receive FIFO
12-8
RESERVED
R
0x0
Reserved
7-0
RXFFST
R
0x0
RX FIFO Status
0x0 = Receive FIFO is empty.
0x1 = Receive FIFO has 1 word.
0x2 = Receive FIFO has 2 words.
...
0xFE = Receive FIFO has 254 words.
0xFF = Receive FIFO has 255 or 256 words.
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com