Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 5 Page - Texas Instruments

  TLC6989 Datasheet HTML 1Page - Texas Instruments TLC6989 Datasheet HTML 2Page - Texas Instruments TLC6989 Datasheet HTML 3Page - Texas Instruments TLC6989 Datasheet HTML 4Page - Texas Instruments TLC6989 Datasheet HTML 5Page - Texas Instruments TLC6989 Datasheet HTML 6Page - Texas Instruments TLC6989 Datasheet HTML 7Page - Texas Instruments TLC6989 Datasheet HTML 8Page - Texas Instruments TLC6989 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted), 2.5V < VCC < 5.5V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Supply
VCC
Device supply voltage
5.5
V
VUVR
Undervoltage restart
VCC rising
2.3
V
VUVF
Undervoltage shutdown
VCC falling
2
V
VUV,HYS
Undervoltage shutdown hysteresis
0.12
V
ICC
Device supply current
VCC = 3.3V, CCSI_DATA_RATE[3:0] =
4b'1110
3.1
mA
Oscillator
fOSC
Internal Oscillator frequency
–3%
40
3%
MHz
tWD,OSC
Internal Oscillator Watchdog
0.66
1.45
2.48
µs
Digital IO
VIH
High level input voltage (SCLK, SDI, CS,
SIN)
1.05
V
VIL
Low level input voltage (SCLK, SDI, CS,
SIN)
0.45
V
VOH
High level output voltage (SOUT, CLK_O,
SDO, DRDY)
IOH = –3mA
VCC – 0.4
VCC
V
VOL
Low level output voltage (SOUT, CLK_O,
SDO, DRDY)
IOL = 3mA
0.4
V
ILOGIC
Logic pin current (SCLK, SDI, CS, SIN)
SCLK/SDI/CS/SIN = VCC or GND
–1
1
µA
FAULT
IPD,FAULT
FAULT pull-down current capability
VFAULT = 0.4V
22
59
mA
ILKG,FAULT
FAULT leakage current
1
µA
VOH,FAULT
High level output voltage (FAULT)
Voltage applied to FAULT pin through
external pullup resistor
VCC
V
VOL,FAULT
Low level output voltage (FAULT)
IOL = 3mA, must be limited by external
pullup resistor
0.4
V
Diagnostics
tWD,SIN
SIN Watchdog
5
ms
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com