Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 43 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 39Page - Texas Instruments TLC6989 Datasheet HTML 40Page - Texas Instruments TLC6989 Datasheet HTML 41Page - Texas Instruments TLC6989 Datasheet HTML 42Page - Texas Instruments TLC6989 Datasheet HTML 43Page - Texas Instruments TLC6989 Datasheet HTML 44Page - Texas Instruments TLC6989 Datasheet HTML 45Page - Texas Instruments TLC6989 Datasheet HTML 46Page - Texas Instruments TLC6989 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
7.6.9 IFST Register (Address = 0x8) [Reset = 0x0000]
IFST is shown in Figure 7-31 and described in Table 7-13.
Return to the DEVICE Registers Summary Table.
Figure 7-31. IFST Register
15
14
13
12
11
10
9
8
RESERVED
FLAG_SPI_CS
FLAG_SPI_TIMEOUT
R-0x0
R-0x0
R-0x0
7
6
5
4
3
2
1
0
RESERVED
FLAG_CCSI_CMD
_QUEUE_OVF
FLAG_CCSI_CHECK
_BIT
RESERVED
FLAG_CCSI_CRC
FLAG_CCSI_SIN
R-0x0
R-0x0
R-0x0
R-0x0
R-0x0
R-0x0
Table 7-13. IFST Register Field Descriptions
Bit
Field
Type
Reset
Description
15-10
RESERVED
R
0x0
Reserved
9
FLAG_SPI_CS
R
0x0
SPI Chip Select pin was pulled high in the middle of reception
of command.
0x0 = No CS error has been detected
0x1 = CS error has been detected
8
FLAG_SPI_TIMEOUT
R
0x0
SPI timeout error has been detected. This will only be set
when SPI_RST_TIMEOUT_CFG is enabled.
0x0 = No SPI timeout has been detected
0x1 = SPI timeout has been detected
7-5
RESERVED
R
0x0
Reserved
4
FLAG_CCSI_CMD_QUEUE_OVF R
0x0
CCSI command queue overflow error has been detected.
0x0 = No overflow error has been detected
0x1 = Overflow error has been detected
3
FLAG_CCSI_CHECK_BIT
R
0x0
CCSI check bit error has been detected for CCSI received
data.
0x0 = No check bit error has been detected
0x1 = Check bit error has been detected
2
RESERVED
R
0x0
Reserved
1
FLAG_CCSI_CRC
R
0x0
CRC error has been detected for CCSI data.
0x0 = No CRC error has been detected
0x1 = CRC error has been detected
0
FLAG_CCSI_SIN
R
0x0
Missing toggling on SIN.
0x0 = No missing toggling on SIN error has been detected
0x1 = Missing toggling on SIN error has been detected
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com