Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 47 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 43Page - Texas Instruments TLC6989 Datasheet HTML 44Page - Texas Instruments TLC6989 Datasheet HTML 45Page - Texas Instruments TLC6989 Datasheet HTML 46Page - Texas Instruments TLC6989 Datasheet HTML 47Page - Texas Instruments TLC6989 Datasheet HTML 48Page - Texas Instruments TLC6989 Datasheet HTML 49Page - Texas Instruments TLC6989 Datasheet HTML 50Page - Texas Instruments TLC6989 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
8.2.2 Detailed Design Procedure
At first the designer needs to determine the required CCSI data rate for the application. The minimum CCSI data
rate is coming from the brightness information that needs to be transmitted to all the LED drivers within one
frame period. The data sheet of the chosen LED driver gives more details about the minimum required CCSI
data rate. In this application example the frame period is 33.33ms. There are 6 devices in the daisy chain (3
groups of 2 stackable mode) with 30 scan lines. When a data transmission efficiency of 70% is assumed (since
there could be some idle time between transmitted CCSI commands), the minimum required CCSI data rate is
7.04Mbit/s. Therefore, the CCSI_DATA_RATE in register CCSICTRL is set to 8Mbit/s.
The SPI frequency is gerenally set to be in the similar range as the CCSI data rate. Therefore, in this application
example the SPI frequency is set to 8MHz. The next step is to determine the TXFFLVL. TI recommends to
set TXFFLVL larger than the maximum number of words that are forwarded for one CCSI command. The
maximum number of words happen for a data write command with non-broadcast, e.g. write SRAM command.
For this command, the number of words are equal to 3 times the number of cascaded devices plus one head
byte. In this application example, the maximum number of words is 19 (3 x 6 + 1) words. Note that when SPI
command FWD_WR_CRC is used, the TXFFLVL is ignored, and the forwarding only starts when the CRC word
is correct. In addition, during the forwarding by the CCSI controller, the next SPI forward command can already
be transmitted by the SPI controller because of the CCSI command queue in the TLC6989.
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com