Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 35 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 31Page - Texas Instruments TLC6989 Datasheet HTML 32Page - Texas Instruments TLC6989 Datasheet HTML 33Page - Texas Instruments TLC6989 Datasheet HTML 34Page - Texas Instruments TLC6989 Datasheet HTML 35Page - Texas Instruments TLC6989 Datasheet HTML 36Page - Texas Instruments TLC6989 Datasheet HTML 37Page - Texas Instruments TLC6989 Datasheet HTML 38Page - Texas Instruments TLC6989 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
7.6.2 SPICTRL Register (Address = 0x1) [Reset = 0x00A0]
SPICTRL is shown in Figure 7-24 and described in Table 7-6.
Return to the DEVICE Registers Summary Table.
Figure 7-24. SPICTRL Register
15
14
13
12
11
10
9
8
RESERVED
SPI_WDT_CFG
RESERVED
R/W-0x0
R/W-0x0
R/W-0x0
7
6
5
4
3
2
1
0
SPI_RST_TIMEOUT_CFG
RESERVED
SPI_CRC_ALG SPI_SDO_DIS
SPI_ACK_DIS
R/W-0xA
R/W-0x0
R/W-0x0
R/W-0x0
R/W-0x0
Table 7-6. SPICTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-14
RESERVED
R/W
0x0
Reserved
13-12
SPI_WDT_CFG
R/W
0x0
Watchdog on SPI to into FAILSAFE state
0x0 = 40ms
0x1 = 20ms
0x2 = 10ms
0x3 = Disabled
11-8
RESERVED
R/W
0x0
Reserved
7-4
SPI_RST_TIMEOUT_CFG R/W
0xA
Watchdog on SCLK to reset SPI after timeout
0x0 = Disabled
0x1 = 500us
0x2 = 1ms
0x3 = 2ms
0x4 = 3ms
0x5 = 4ms
0x6 = 5ms
0x7 = 10ms
0x8 = 15ms
0x9 = 20ms
0xA = 30ms
0xB = 40ms
0xC = 50ms
0xD = 85ms
0xE = 100ms
0xF = 200ms
3
RESERVED
R/W
0x0
Reserved
2
SPI_CRC_ALG
R/W
0x0
CRC algorithm used for SPI communication
0x0 = CCITT-FALSE is used
0x1 = CRC-16/XMODEM is used
1
SPI_SDO_DIS
R/W
0x0
Disable bit for SPI SDO
0x0 = SDO is driven when CS is low
0x1 = SDO is always High Impedance
0
SPI_ACK_DIS
R/W
0x0
Disable bit for SPI auto-reply of STATUS register
0x0 = Auto-reply is enabled
0x1 = Auto-reply is disabled
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com