Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 36 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 32Page - Texas Instruments TLC6989 Datasheet HTML 33Page - Texas Instruments TLC6989 Datasheet HTML 34Page - Texas Instruments TLC6989 Datasheet HTML 35Page - Texas Instruments TLC6989 Datasheet HTML 36Page - Texas Instruments TLC6989 Datasheet HTML 37Page - Texas Instruments TLC6989 Datasheet HTML 38Page - Texas Instruments TLC6989 Datasheet HTML 39Page - Texas Instruments TLC6989 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
7.6.3 CCSICTRL Register (Address = 0x2) [Reset = 0x0000]
CCSICTRL is shown in Figure 7-25 and described in Table 7-7.
Return to the DEVICE Registers Summary Table.
Figure 7-25. CCSICTRL Register
15
14
13
12
11
10
9
8
RESERVED
CCSI_SS_CLKO
R/W-0x0
R/W-0x0
7
6
5
4
3
2
1
0
RESERVED
CCSI_DATA_RATE
R/W-0x0
R/W-0x0
Table 7-7. CCSICTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-10
RESERVED
R/W
0x0
Reserved
9-8
CCSI_SS_CLKO
R/W
0x0
Spread spectrum setting for CLK_O pin
0x0 = disabled
0x1 = 2%
0x2 = 4%
0x3 = 8%
7-4
RESERVED
R/W
0x0
Reserved
3-0
CCSI_DATA_RATE
R/W
0x0
Data rate for CCSI
0x0 = 1Mbit/s
0x1 = 1.25Mbit/s
0x2 = 1.43Mbit/s
0x3 = 1.67Mbit/s
0x4 = 2Mbit/s
0x5 = 2.22Mbit/s
0x6 = 2.5Mbit/s
0x7 = 2.86Mbit/s
0x8 = 3.33Mbit/s
0x9 = 4Mbit/s
0xA = 5Mbit/s
0xB = 6.67Mbit/s
0xC = 8Mbit/s
0xD = 10Mbit/s
0xE = 13.33Mbit/s
0xF = 20Mbit/s
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com