Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 41 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 37Page - Texas Instruments TLC6989 Datasheet HTML 38Page - Texas Instruments TLC6989 Datasheet HTML 39Page - Texas Instruments TLC6989 Datasheet HTML 40Page - Texas Instruments TLC6989 Datasheet HTML 41Page - Texas Instruments TLC6989 Datasheet HTML 42Page - Texas Instruments TLC6989 Datasheet HTML 43Page - Texas Instruments TLC6989 Datasheet HTML 44Page - Texas Instruments TLC6989 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
7.6.8 STATUS Register (Address = 0x7) [Reset = 0x0403]
STATUS is shown in Figure 7-30 and described in Table 7-12.
Return to the DEVICE Registers Summary Table.
Figure 7-30. STATUS Register
15
14
13
12
11
10
9
8
CLR_FLAG
FLAG_CCSI
RESERVED
FLAG_TXFF
FLAG_RXFF
DRDYST
FLAG_SRST
FLAG_SPI
R/W1C-0x0
R-0x0
R-0x0
R-0x0
R-0x0
R-0x1
R-0x0
R-0x0
7
6
5
4
3
2
1
0
FLAG_SPI_REG
_WRITE
FLAG_SPI_CRC
DEV_STATE
FLAG_OTP_CRC
FLAG_OSC
FLAG_POR
FLAG_ERR
R-0x0
R-0x0
R-0x0
R-0x0
R-0x0
R-0x1
R-0x1
Table 7-12. STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
15
CLR_FLAG
R/W1C
0x0
Write to clear all flags.
0x0 = Do not clear flags
0x1 = Clear all flags
14
FLAG_CCSI
R
0x0
CCSI error flag.
0x0 = No device error has been detected
0x1 = Device error has been detected. Check IFST for more details.
13
RESERVED
R
0x0
Reserved
12
FLAG_TXFF
R
0x0
Transmit FIFO error detection.
0x0 = No Transmit FIFO error has been detected
0x1 = Transmit FIFO error has been detected. Check TXFFST for
more details.
11
FLAG_RXFF
R
0x0
Receive FIFO error detection.
0x0 = No Receive FIFO error has been detected
0x1 = Receive FIFO error has been detected. Check RXFFST for
more details.
10
DRDYST
R
0x1
Status of DRDY pin.
0x0 = DRDY pin is logic low
0x1 = DRDY pin is logic high
9
FLAG_SRST
R
0x0
Unsuccessful SOFTRESET. Softreset cannot be executed while
CCSI is transmitting.
0x0 = No SOFTRESET error has been detected
0x1 = SOFTRESET error has been detected
8
FLAG_SPI
R
0x0
SPI error flag.
0x0 = No device error has been detected
0x1 = Device error has been detected. Check IFST for more details.
7
FLAG_SPI_REG_WRITE
R
0x0
Unsuccessful SPI register write command. CCSICTRL cannot be
written while CCSI is transmitting and/or receiving.
0x0 = No SPI register write error has been detected
0x1 = SPI register write error has been detected
6
FLAG_SPI_CRC
R
0x0
SPI communication CRC error has been detected.
0x0 = No CRC error has been detected
0x1 = CRC error has been detected
5-4
DEV_STATE
R
0x0
Device state.
0x0 = Device is in NORMAL state
0x1 = Device is in INIT state
0x2 = Device is in INIT state
0x3 = Device is in FAILSAFE state
3
FLAG_OTP_CRC
R
0x0
OTP CRC error detection.
0x0 = No OTP CRC error has been detected
0x1 = OTP CRC error has been detected
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com