Electronic Components Datasheet Search
  English  ▼

X  

TLC6989 Datasheet(PDF) 46 Page - Texas Instruments

Part # TLC6989
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TLC6989 Datasheet HTML 42Page - Texas Instruments TLC6989 Datasheet HTML 43Page - Texas Instruments TLC6989 Datasheet HTML 44Page - Texas Instruments TLC6989 Datasheet HTML 45Page - Texas Instruments TLC6989 Datasheet HTML 46Page - Texas Instruments TLC6989 Datasheet HTML 47Page - Texas Instruments TLC6989 Datasheet HTML 48Page - Texas Instruments TLC6989 Datasheet HTML 49Page - Texas Instruments TLC6989 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TLC6989 is controlled using a standard SPI. The device is connected to a daisy chain of TLC698x devices
which are controlled using a Continuous Clock Serial Interface (CCSI) provided by the TLC6989 device. All the
features of the TLC6989 are accessed by programmable registers.
8.2 Typical Application
Figure 8-1 depicts a typical application with only one TLC6989 connected to a Controller using one SPI bus and
many TLC698x connected in a daisy chain using one CCSI bus.
TLC6989
VCC
SIN
SCLK
GND
CLK_O
SOUT
FAULT
SDI
SDO
CS
DRDY
VCC
TLC6984
VLEDG
...
SIN
SCLK
VCC
SOUT
GND
SIN
SCLK
IREF
VCC
SOUT
GND
IREF
VLEDR
VCC
VLEDR
VLEDG/B
...
TLC6984
32 RGBs
VLEDB
VLEDG
VLEDR
VLEDB
...
...
Red LED
Green LED
Blue LED
Figure 8-1. Typical Application Schematics
8.2.1 Design Requirements
Table 8-1. Design Parameters
PARAMETER
VALUE
VCC
2.8V
Frame rate
30Hz
Brightness resolution
16 bits
Cascaded devices number
6
Number of scan lines
30
fSPI
8MHz
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com