Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 394 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 394 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 390Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 391Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 392Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 393Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 394Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 395Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 396Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 397Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 398Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 552 page
background image
Chapter 12 Timer/Counter
12-10
12.4.1 Timer Control Register n (TMTCRn)
TMTCR0
0xF000
TMTCR1
0xF100
TMTCR2
0xF200
31
16
Reserved
: Type
: Initial value
15
8
7
6
5
4
3
2
1
0
Reserved
TCE
CCDE CRE Reserved ECES
CCS
TMODE
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0
0
0
0
0
00
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:8
Reserved
⎯
7
TCE
Timer Counter
Enable
Timer Count Enable (Default: 0)
This field controls whether the counter runs or stops.
When in the Watchdog mode, counter operation only stops when the
Watchdog Timer Disable bit (TMWTMR2.WDIS) of the Watchdog Timer
Mode Register is set. When the Watchdog Timer Disable bit is cleared, the
value of this Timer Count Enable bit becomes “0”, but the count continues.
0: Stop counter (the counter is also cleared to “0” when CRE = 1)
1: Counter operation
R/W
6
CCDE
Counter Clock
Divider Enable
Counter Clock Divide Enable (Default: 0)
This bit enables the divide operation of the internal clock (IMBUSCLK).
The counter stops if this bit is set to “0” when the internal bus clock is in
use.
0: Disable
1: Enable
R/W
5
CRE
Counter Reset
Enable
Counter Reset Enable (Default: 0)
This bit controls the counter reset when the TCE bit was used to stop the
counter.
1: Stop and reset the counter to “0” when the TCE bit is cleared to “0”.
0: Only stop the counter when the TCE bit is cleared to “0”.
During CRE = 1, reset the counter if TCE is set from 1 to 0.
During TCE = 0, the counter isn’t reset if CRE is set from 0 to 1.
When TCE = 1 and CRE = 0, stop and reset the counter if TCE is set to 0
and CRE is set to 1 simultaneously.
R/W
4
Reserved
⎯
3
ECES
External Clock
Edge Select
External Clock Edge Select (Default: 0)
This bit specifies the counter operation edge when using the counter input
signal (TCLK).
0: Falling edge of the counter input signal (TCLK)
1: Rising edge of the counter input signal (TCLK)
R/W
2
CCS
Counter Clock
Select
Counter Clock Select (Default: 0)
This bit specifies the timer clock.
0: Internal clock (IMBUSCLK)
1: External input clock (TCLK)
R/W
1:0
TMODE
Timer Mode
Timer Mode (Default: 00)
This bit specifies the timer operation mode.
11: Reserved
10: Watchdog Timer mode (Timer 2), Reserved (Timer 0, 1)
01: Pulse Generator mode (Timer 0, 1), Reserved (Timer 2)
00: Interval Timer mode
R/W
Figure 12.4.1 Timer Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com