Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 545 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 545 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 541Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 542Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 543Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 544Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 545Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 546Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 547Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 548Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 549Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 552 page
background image
TMPR4937 Revision History
1
TMPR4937 Revision History
Page
Rev 1.1 Manual
Changes and Additions to Rev 1.1
References
64-bit TX System RISC TX49/H3 Core Architecture User’s
Manual
64-bit TX System RISC TX49/H2, TX49/H3, TX49/H4 Core
Architecture
1-1
Modified line 5 of the body text in Section 1.1, Overview
For details of the TX49/H3 core such as instruction sets, see
“64-bit TX System RISC TX49/H3 Core Architecture”.
For details of the TX49/H3 core such as instruction sets,
see “64-bit TX System RISC TX49/H2, TX49/H3, TX49/H4
Core Architecture”.
3-7
Table 3.1.9 AC-link Interface Signals
Added the following text to the description of the SDIN[1]
signal
When this pin is used as SDIN[1], pull down by the resister
on the board. (Regarding the value of register, please ask
the Engineering Department in Toshiba).
3-7
Table 3.1.9 AC-link Interface Signals
Added the following text to the description of the SDIN[0]
signal
When this pin is used as SDIN[0], pull down by the resister
on the board. (Regarding the value of register, please ask
the Engineering Department in Toshiba).
3-7
Table 3.1.9 AC-link Interface Signals
Added the following text to the description of the BITCLK
signal
When this pin is used as BITCLK, pull down by the resister
on the board. (Regarding the value of register, please ask
the Engineering Department in Toshiba).
3-8
Table 3.1.11 Extended EJTAG Interface Signals
Changed the description of the TRST* signal
When an EJTAG probe is not connected, this pin must be
fixed to low. When connecting an EJTAG probe, prevent
floating, for example, by connecting a pull-up resistor.
TRST* pin must be pulled down (ex.10 k
Ω).
3-11
Table 3.2.2 Boot Configuration Specified with the
ADDR[19:0] Signals (1/2)
Modified the description of the ADDR[17:15].
Reserved
Reserved
Used for testing. This signal will not be set to 0 upon
booting.
4-1
Modified line 2 of the introduction in Chapter 4, Address
Mapping
Please refer to "64 bit TX System RISC TX49/H3 Core
Architecture" about the details of mapping to a physical
address from the virtual address of TX49/H3 core.
Please refer to "64-bit TX System RISC TX49/H2, TX49/H3,
TX49/H4 Core Architecture" about the details of mapping to
a physical address from the virtual address of TX49/H3
core.
5-2
Table 5.2.1 Configuration Register Mapping
Deleted the description of the Jump Address Register
Deleted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com