Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 547 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 547 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 543Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 544Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 545Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 546Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 547Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 548Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 549Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 550Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 551Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 552 page
background image
TMPR4937 Revision History
3
Page
Rev 1.1 Manual
Changes and Additions to Rev 1.1
5-13
Figure 5.2.6 G-Bus Arbiter Control Register
15
10
9
8
Reserved
⎯
ARBMD
R/W
R/W
1
1
7
6
5
0
Reserved
PRIORITY
R/W
00_01_10
15
14
Reserved
PRIORITY
R/W
000_001_010_011_100
0
PRIORITY
R/W
000_001_010_011_100
6-6
Figure 6.3.1 Power-On Sequence
ed back)
At least 100 ms (T.B.D)
PLL settling time (T.B.D)
(T.B.D)
PLL settling time (T.B.D)
ed back)
PLL settling time
PLL settling time
7-11
Added the following text to line 8 to Section 7.3.6.3, Ready
Mode
When the number of wait cycles is 0, READY check is
started in 1 cycle after asserting the CE* signal. When the
number of wait cycles is other than zero, after waiting only
for the specified number of cycles, READY check is started.
7-11
Figure 7.3.3 Ready Mode
EBCCRn.PWT:WT=2
Start Ready Check
EBCCRn.PWT:WT=2
Start Ready Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com