Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 551 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 551 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 544Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 545Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 546Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 547Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 548Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 549Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 550Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 551Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 552Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 551 / 552 page
background image
TMPR4937 Revision History
7
Page
Rev 1.1 Manual
Changes and Additions to Rev 1.1
20-7
Modified line 8 of Section 20.3, Initializing the Extended
EJTAG Interface
The above methods must be performed while the
MASTERCLK signal is being input. Also, externally fix
the TRST* signal to GND when not using an emulation
probe. The G-Bus Time Out Detection function is disabled
when the TRST* signal is deasserted. (Refer to Section
5.1.1.)
The above methods must be performed while the
MASTERCLK signal is being input.
The G-Bus Time Out Detection function is disabled when
the TRST* signal is deasserted. (Refer to Section 5.1.1.)
21-5
Figure 21.5.1 Timing Diagram: MASTERCLK
tMCP
MASTERCL
0.8 VCC
0.2 VCC
tMCP
MASTERCLK
0.8 VCC
0.2 VCC
21-5
Figure 21.5.2 Timing Diagram: Power On Reset
tMCP_PLL
MASTERCLK Oscillation Stabilit
VddIN, VddIO
PLL_Vdd1_A,
PLL_Vdd2_A
MASTERCLK
CGRESET*
RESET*
Changed a signal name in the figure and added a note.
tMCP_PLL
MASTERCLK Oscillation Stabilit
VCCInt, VCCIO
*1)
PLL_Vdd1_A,
PLL_Vdd2_A
MASTERCLK
CGRESET*
RESET*
*1)
VCCInt and VCCIO must start up simultaneously, or
VCCInt must be first.
The difference of the stand up time of a power supply
within in 100 m seconds.
22-2
Figure 22.1.1 Pinout Diagram (1/2)
7 DMAACK
[2]
DMAACK
[3]
CE[1]*
CE[0]*
VddIO
6 CE[4]*
CE[3]*
CE[2]*
VSS
SD[1]
TOP
5 CE[5]*
VddIO
ACE*
BYPASSP
LL*
VSS
VddIN
7 DMAACK
[2]
DMAACK
[3]
CE[1]*
CE[0]*
VddIO
6 CE[4]*
CE[3]*
CE[2]*
VSS
SDIN[1]
TOP
5 CE[5]*
VddIO
ACE*
BYPASSP
LL*
VSS
VddIN
22-4
Table 22.1.1 Pin Cross Reference by Pin Number (1/2)
Modified the pin name of the E6 pin.
SD[1]
SDIN[1]
22-7
Table 22.1.2 Pin Cross Reference by Pin Name (2/2)
Modified the pin name of the E6 pin.
SD[1]
SDIN[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com