Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 550 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 550 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 544Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 545Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 546Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 547Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 548Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 549Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 550Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 551Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 552Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 550 / 552 page
background image
TMPR4937 Revision History
6
Page
Rev 1.1 Manual
Changes and Additions to Rev 1.1
11-22
Figure 11.4.7 Baud Rate Control Register
Modified the description of the BCLK (Baud Rate Generator
Clock) field.
00: Select prescalar output T0 (IMBUSCLK/2)
01: Select prescalar output T2 (IMBUSCLK/8)
10: Select prescalar output T4 (IMBUSCLK/32)
11: Select prescalar output T6 (IMBUSCLK/128)
00: Select prescalar output T0 (fc/2)
01: Select prescalar output T2 (fc/8)
10: Select prescalar output T4 (fc/32)
11: Select prescalar output T6 (fc/128)
12-10
Figure 12.4.1 Timer Control Register
Added the following text to the description of the Counter
Reset Enable field
During CRE = 1, reset the counter if TCE is set from 1 to 0.
During TCE = 0, the counter isn’t reset if CRE is set from 0
to 1.
When TCE = 1 and CRE = 0, stop and reset the counter if
TCE is set to 0 and CRE is set to 1 simultaneously.
14-11
Table 14.3.7 Mic DMA Buffer Format in Big-endian Mode
Address offset
+0
+1
z
#0H
#0L
+4
#1H
#1L
+8
#2H
#2L
:
:
:
Address offset
+0
+1
+0
#0H
#0L
+4
#1H
#1L
+8
#2H
#2L
:
:
:
15-5
Modified line 3 of Section 15.3.1, Interrupt sources
Please refer to the 64-bit TX System RISC TX49/H3 Core
Architecture Manual for more information.
Please refer to the “64-bit TX System RISC TX49/H2,
TX49/H3, TX49/H4 Core Architecture” for more information.
20-2
Modified line 2 of Section 20.2.1, JTAG Controller and
Register
Please refer to the TX49/H3 Core Architecture Manual for
all other portion not covered here.
Please refer to the “64-bit TX System RISC TX49/H2,
TX49/H3, TX49/H4 Core Architecture” for all other portion
not covered here.
20-3
Modified line 3 of 20.2.2, Instruction Register
Refer to the TX49/H3 Core Architecture Manual for more
information regarding each instruction.
Refer to the “64-bit TX System RISC TX49/H2, TX49/H3,
TX49/H4 Core Architecture” for more information regarding
each instruction.
20-3
Table 20.2.1 Bit Configuration of JTAG Instruction Register
Refer to the TX49/H3 Core Architecture Manual
Refer to the “64-bit TX System RISC TX49/H2, TX49/H3,
TX49/H4 Core Architecture”
20-7
Modified line 5 of Section 20.3, Initializing the Extended
EJTAG Interface
(Hold the signal low for 2 or more clock cycles of the TCK
input.)
After that, deassert the TRST* signal High.
(TRST* signal is pulled down (by ex. 10 k
Ω))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com