Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 546 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 546 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 542Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 543Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 544Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 545Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 546Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 547Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 548Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 549Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 550Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 552 page
background image
TMPR4937 Revision History
2
Page
Rev 1.1 Manual
Changes and Additions to Rev 1.1
5-3
Figure 5.2.1 Chip Configuration Register (1/3)
42
41
40
WDRST WDREXEN
RW1C R/W
0
0
42
41
40
WDRST WDREXEN
R/W1C R/W
0
0
5-3
Figure 5.2.1 Chip Configuration Register (1/3)
17
16
BEOW
RW1C : Type
0
: Initial value
17
16
BEOW
R/W1C : Type
0
: Initial value
5-3
Figure 5.2.1 Chip Configuration Register (1/3)
Read/write attribute of the WDRST (Watchdog Reset
Status) bit
RW1C
R/W1C
5-4
Figure 5.2.1 Chip Configuration Register (2/3)
Read/write attribute of the BEOW (Write-Access Bus Error)
bit
RW1C
R/W1C
5-7
Figure 5.2.3 Pin Configuration Register (1/3)
47
45
44
41
40
3
DRVCS
DRVCK[3:0]
DRVCKIN
R/W
R/W
R/W
ADDR[5]
ADDR[5]
ADDR[5]
31
30
29
28
27
26
2
Reserved
SDCLKDLY SYSCLKEN
SDCLKEN
R/W
R/W
R/W
00
1
1111
47
45
44
41
40
3
DRVCS[2:0]
DRVCK[3:0]
DRVCKIN
R/W
R/W
R/W
ADDR[5]
ADDR[5]
ADDR[5]
31
30
29
28
27
26
2
Reserved
SDCLKDLY SYSCLKEN
SDCLKEN[3:0]
R/W
R/W
R/W
00
1
1111
5-7
Figure 5.2.3 Pin Configuration Register (1/3)
21
16
PCICLKEN
R/W
111111
21
16
PCICLKEN[5:0]
R/W
111111
5-7
Figure 5.2.3 Pin Configuration Register (1/3)
Added a note to the description of the DRVCB (CB Signal
Control) bit
Note: CB[7:0]* share pins with PIO[15:8], E0TXD[3:0],
E0RXD[3:0].
The driving capability of these pins are below.
CB[7:0], E0TXD[3:0], E0RXD[3:0]: 8 mA or 16 mA
PIO[15:8]: 8 mA only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com