Electronic Components Datasheet Search
  English  ▼

X  

TMPR4937 Datasheet(PDF) 549 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 549 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 544Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 545Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 546Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 547Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 548Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 549Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 550Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 551Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 552Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 549 / 552 page
background image
TMPR4937 Revision History
5
Page
Rev 1.1 Manual
Changes and Additions to Rev 1.1
8-13
Table 8.3.3 Channel Register Setting Restrictions During
Dual Address Transfer
<DMSAIRn>
8/0/-8
8/0/-8
8-13
Table 8.3.3 Channel Register Setting Restrictions During
Dual Address Transfer
Added the following note.
:When DMSAIRn is set to 0, read access from source
device is performed only one time per transmission
specified by DMCCRn.XFSZ. For this reason, transfer
can not be performed burst transfer to the I/O device
which performs FIFO operation.
9-23
Figure 9.4.4 ECC Control Register (1/2)
63
56
0x10
R
63
56
MDLNO
0x10
9-23
Figure 9.4.4 ECC Control Register (1/2)
55
48
0x10
R
55
48
VERNO
0x10
9-23
Figure 9.4.4 ECC Control Register (1/2)
Modified the description of the DEEC (Diagnostic ECC)
field.
The value set by this field is output from CB[7:0] as the
check code when the ECCDM bit is set to “Enable.”
The value set by this field is output from CB[7:0] as the
check code when the DM bit is set to “Enable.”
9-25
Figure 9.4.5 ECC Status Register
15
8
FRRS
R
—
—
—
—
—
—
15
8
ERRS
R
—
—
—
—
—
—
9-42
Figure 9.6.2 168-pin DIMM Connection Example
ADDR[18]
ADDR[16:5]
ADDR[17]
128MB un
A[11:0]
BA0
BA1
DQMB[7:0]
ADDR[19]
ADDR[16:5]
ADDR[18]
128MB un
A[11:0]
BA0
BA1
DQMB[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com