Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 378 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 378 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 374Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 375Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 376Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 377Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 378Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 379Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 380Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 381Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 382Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 716 page
background image
Chapter 10 PCI Controller
10-102
10.5.4 Power Management Control/Status Register (PMCSR)
0xE0
15
14
9
8
7
2
1
0
PMESTA
Reserved
PMEEN
Reserved
PS
R/W1C
R/W
R/W
: Type
0x0
0x0
0x0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
15
PMESTA
PME Status
PME_Status (Default: 0x0)
Indicates the existence of a PME (Power Management Event) .
1: There is a PME.
0: There is no PME.
The value of this bit becomes “1” when Writing a “1” to the PME bit
(P2GCFG.PME) of the P2G Configuration Register.
This bit is cleared when the Host Bridge writes a “1”. It is possible to signal
a PME* Clear Interrupt at this time.
R/W1C
14:9
Reserved
⎯
8
PMEEN
PME Enable
PME_En (Default: 0x0)
Sets PME* signal assertion to enable or disable.
1: Enables assertion of the PME* signal.
0: Disables assertion of the PME* signal.
The PME_En set bit of the P2G Status Register (P2GSTATUS.PMEES) is
set when this bit is set. At this time, it is possible to signal the PME_En set
interrupt.
R/W
7:2
Reserved
⎯
1:0
PS
Power State
PowerState (Default: 0x0)
Sets the Power Management state.
The Power Management State Change bit (P2GSTATUS.PMSC) of the
P2G Status Register is set when the value of this field is changed. It also
becomes possible to generate a Power State Change Interrupt at this time.
The TX4938 can read the value of this field from the PowerState field
(PCISSTATUS.PS) of the Satellite Mode PCI Status Register.
00b: D0 (no change)
01b: D1 :Reserved
10b: D2 :Reserved
11b: D3hot
R/W
Figure 10.5.4 PMCSR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com