Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 381 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 381 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 377Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 378Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 379Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 380Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 381Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 382Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 383Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 384Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 385Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 716 page
background image
Chapter 11 Serial I/O Port
11-3
11.3 Detailed Explanation
11.3.1 Overview
During reception, serial data that are input as an RXD signal from an external source are converted into
parallel data, then are stored in the Receive FIFO buffer. Parallel data stored in the FIFO buffer are
fetched by either CPU or DMA transfer.
During transmission, parallel data written to the Transmit FIFO buffer by CPU or DMA transfer are
converted into serial data, then are output as a TXD signal.
11.3.2 Data Format
The TX4938 SIO can use the following data formats.
Data Length
: 8/7 bits
Stop Bit
: 1/2 bits
Parity Bit
: Yes/No
Parity Format
: Even/Odd
Start Bit
: Fixed to 1 bit
Figure 11.3.1 illustrates the data frame when making each setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com