Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 384 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 384 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 380Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 381Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 382Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 383Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 384Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 385Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 386Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 387Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 388Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 716 page
background image
Chapter 11 Serial I/O Port
11-6
Table 11.3.1 Example Divide Value Settings (and error [%] from target baud rate value)
0.11
0.15
215 -0.07%
0.30
107
0.39%
0.60
215 -0.07%
54 -0.54%
1.20
107
0.39%
27 -0.54%
2.40
215 -0.07%
54 -0.54%
13
3.29%
4.80
107
0.39%
27 -0.54%
7 -4.09%
9.60
215 -0.07%
54 -0.54%
13
3.29%
14.40
143
0.16%
36 -0.54%
9 -0.54%
19.20
107
0.39%
27 -0.54%
7 -4.09%
28.80
72 -0.54%
18 -0.54%
38.40
54 -0.54%
13
3.29%
57.60
36 -0.54%
9 -0.54%
76.80
27 -0.54%
7 -4.09%
115.20
18 -0.54%
0.11
255
4.45%
0.15
195
0.16%
0.30
98 -0.35%
0.60
195
0.16%
49 -0.35%
1.20
98 -0.35%
24
1.73%
2.40
195
0.16%
49 -0.35%
12
1.73%
4.80
98 -0.35%
24
1.73%
6
1.73%
9.60
195
0.16%
49 -0.35%
12
1.73%
14.40
130
0.16%
33 -1.36%
8
1.73%
19.20
98 -0.35%
24
1.73%
6
1.73%
28.80
65
0.16%
16
1.73%
38.40
49 -0.35%
12
1.73%
57.60
33 -1.36%
8
1.73%
76.80
24
1.73%
6
1.73%
115.20
16
1.73%
0.11
131 -0.07%
33 -0.82%
0.15
96
0.00%
24
0.00%
0.30
48
0.00%
12
0.00%
0.60
96
0.00%
24
0.00%
6
0.00%
1.20
48
0.00%
12
0.00%
3
0.00%
2.40
96
0.00%
24
0.00%
6
0.00%
4.80
48
0.00%
12
0.00%
3
0.00%
9.60
24
0.00%
6
0.00%
14.40
16
0.00%
4
0.00%
1
0.00%
19.20
12
0.00%
3
0.00%
28.80
8
0.00%
2
0.00%
38.40
6
0.00%
57.60
4
0.00%
1
0.00%
76.80
3
0.00%
115.20
2
0.00%
kbps
fc[MHz]
SCLK
IMBUSCLK
66
60
7.373
Prescalar Value (SIBGR.BLCK) and Divide Value (SIBGR.BRD)
2
8
32
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com