Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 474 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 474 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 470Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 471Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 472Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 473Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 474Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 475Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 476Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 477Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 478Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 716 page
background image
Chapter 15 Interrupt Controller
15-10
15.4 Registers
Table 15.4.1 Interrupt Control Registers
Address
Register
Register Name
0xF600
IRDEN
Interrupt Detection Enable Register
0xF604
IRDM0
Interrupt Detection Mode Register 0
0xF608
IRDM1
Interrupt Detection Mode Register 1
0xF610
IRLVL0
Interrupt Level Register 0
0xF614
IRLVL1
Interrupt Level Register 1
0xF618
IRLVL2
Interrupt Level Register 2
0xF61C
IRLVL3
Interrupt Level Register 3
0xF620
IRLVL4
Interrupt Level Register 4
0xF624
IRLVL5
Interrupt Level Register 5
0xF628
IRLVL6
Interrupt Level Register 6
0xF62C
IRLVL7
Interrupt Level Register 7
0xF640
IRMSK
Interrupt Mask Register
0xF660
IREDC
Interrupt Edge Detection Clear Register
0xF680
IRPND
Interrupt Pending Register
0xF6A0
IRCS
Interrupt Current Status Register
0xF510
IRFLAG0
Interrupt Request Flag Register 0
0xF514
IRFLAG1
Interrupt Request Flag Register 1
0xF518
IRPOL
Interrupt Request Polarity Control Register
0xF51C
IRRCNT
Interrupt Request Control Register
0xF520
IRMASKINT
Interrupt Request Internal Interrupt Mask Register
0xF524
IRMASKEXT
Interrupt Request External Interrupt Mask Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com