Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 478 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 478 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 474Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 475Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 476Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 477Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 478Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 479Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 480Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 481Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 482Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 716 page
background image
Chapter 15 Interrupt Controller
15-14
15.4.3 Interrupt Detection Mode Register 1 (IRDM1)
0xF608
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
IC31
IC30
IC29
IC28
IC27
IC26
IC25
IC24
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0
0
0
0
0
0
0
0
: Default
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IC15
IC14
IC13
IC12
IC11
IC10
IC9
IC8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0
0
0
0
0
0
0
0
: Default
Bit
Mnemonic
Field Name
Explanation
Read/Write
31:30
IC31
Interrupt Source
Control 31
Interrupt Source Control 31 (Default: 00, R/W)
These bits specify the active state of SPI interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
29:28
IC30
Interrupt Source
Control 30
Interrupt Source Control 30 (Default: 00, R/W)
These bits specify the active state of DMA1[3] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
27:26
IC29
Interrupt Source
Control 29
Interrupt Source Control 29 (Default: 00, R/W)
These bits specify the active state of DMA1[2] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
25:24
IC28
Interrupt Source
Control 28
Interrupt Source Control 28 (Default: 00, R/W)
These bits specify the active state of DMA1[1] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
23:22
IC27
Interrupt Source
Control 27
Interrupt Source Control 27 (Default: 00, R/W)
These bits specify the active state of DMA1[0] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
21:20
IC26
Interrupt Source
Control 26
Interrupt Source Control 26 (Default: 00, R/W)
These bits specify the active state of PCIC1 interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
Figure 15.4.3 Interrupt Detection Mode Register 1 (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com