Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 105 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 105 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 101Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 102Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 103Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 104Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 105Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 106Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 107Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 108Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 109Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 716 page
background image
Chapter 6 Clocks
6-1
6.
Clocks
6.1
TX4938 Clock Signals
Figure 6.1.1 shows the configuration of TX4938 blocks and clock signals. Table 6.1.1 describes each clock
signal. Table 6.1.2 shows the relationship among different clock signals when the CPU clock frequency is
266 MHz. Table 6.1.3 shows the relationship among different clock signals when the CPU clock frequency is
300 MHz. Table 6.1.4 shows the relationship among different clock signals when the CPU clock frequency is
333 MHz.
Figure 6.1.1 TX4938 Block and Clock Configuration
SDRAMC
PCIC
TX49/H3 core
IRC
EBUSC
DMAC
CPUCLK
GBUSCLK
IMBUSCLK
MASTERCLK
CG
SYSCLK
SDCLK[3:0]
SDCLKIN
PCICLK[5:0]
PCICLKIN
TX4938
Data input latch
CLKGATE
PCICLKO
×1
TCLK
1/2
ADDR[3][1:0]
PLL1
ADDR[11:10]
(CCFG.
PCIDIVMODE
ADDR[14:13]
PCI device
External
device
PLL2
Oscillato
×1
1/1
1/2
1/3
1/4
DMACKD
PCICKD
PIOCKD
TM2CKD
TM1CKD
TM0CKD
SIO1CKD
PIO
CLKGATE
TMR2
TMR1
TMR0
SIO1
SIO0
SDRAM
SCLK
ACLC
BITCLK
×4
EJTAG/DSU
DCLK
TCK
ADDR[2]
1/4
1/4.5
1/5
1/5.5
1/8
1/9
1/10
1/11
×2
×2.5
×3
×4
x4.5
NDFMC
SRAMC
NDFCKD
SRAMCKD
1/2
1/4
PCIC1
ETHERC1
ETHERC0
ADDR[16]
ETH0CKD
PCIC1CKD
ETH1CKD
SPI
SIO0CKD
ACLCKD
SPICKD
SPICLK
E1RXCL
E1TXCL
E0RXCL
E0TXCL
CLKCTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com