Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 109 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 109 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 105Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 106Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 107Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 108Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 109Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 110Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 111Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 112Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 113Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 716 page
background image
Chapter 6 Clocks
6-5
Table 6.1.4 Relationship Among Different Clock Frequencies (for TMPR4938XBG-333, CPUCLK = 333 MHz)
Master Clock (Input)
and Boot Configured
Settings
Internal Clock
External Clock (Output)
SYSCLK (MHz)
PCICLK[5:0] (MHz) †
Boot Configured Settings
PCIDIVMODE[2:0]
CCFG Settings
PCIDIVMODE[2:0]
MASTERCLK
(MHz)
Boot
Configured
Setting
ADDR[3:0]
CPUCLK
(MHz)
GBUSCLK
(MHz)
IMBUSCLK
(MHz)
SDCLK
[3:0]
(MHz)
HH
(1/1)
HL
(1/2)
LH
(1/3)
LL
(1/4)
LLH
(1/4)
LHH
(1/4.5)
HLH
(1/5)
HHH
(1/5.5)
LLL
(1/8)
LHL
(1/9)
HLL
(1/10)
HHL
(1/11)
-
HHHH(x2.0)
-
HLHH(x8.0)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
133
HHHL (x2.5)
33
HLHL (x10.0)
133
66
133
133
66
44
33
111
HHLH (x3.0)
27
HLLH (x12.0)
111
55
111
111
55
37
27
83
HHLL (x4.0)
20
HLLL (x16.0)
83
41
83
83
41
27
20
74
LHHH(x4.5)
18
LLHH (x18.0)
333
74
37
74
74
37
24
18
83
74
66
60
41
38
33
30
† The CCFG.PCIDIVMODE[2:1] field is setting by the boot configuration ADDR[11:10].
6.2
Power-Down Mode
6.2.1
Halt Mode and Doze Mode
The WAIT instruction causes the TX49/H3 core to enter either of the two low-power modes: Halt and
Doze. The TX49/H3 can exit from Halt or Doze mode upon an interrupt exception. Ensure, therefore,
that the TX49/H3 does not enter Halt or Doze mode when all interrupts are masked in the interrupt
controller.
The HALT bit of the TX49/H3 core Config register is used to select Halt or Doze mode. As the
TX4938 does not use the snoop function of the TX49/H3 core, the bit should be set to select Halt mode,
which achieves greater power reduction than Doze mode.
6.2.2
Power Reduction for Peripheral Modules
When the system does not use the DMA controller, PCI controller, serial I/O controller,
timers/counters, parallel I/O controller, or AC-link controller, it can stop the input clock for that module
to reduce power dissipation.
The clock control register (CLKCTR) is used to control whether to turn each clock on or off. The
module should be reset before its clock can be turned on or off. This reset is performed using the reset
bit for the specific module, provided in the clock control register. The reset also initializes the registers
of the module, thus requiring subsequent setup of necessary register values and other configurations.
Refer to Section 5.2.5, "Clock Control Register" for detail of the clock control register (CLKCTR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com