Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 133 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 133 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 129Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 130Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 132Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 134Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 135Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 136Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 137Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 716 page
background image
Chapter 7 External Bus Controller
7-23
(3) ATA
Following is a programming example to use an ATA module:
•
ISA/ATA mode (EBCCRn=11)
•
16-bit bus (EBCCRn=10)
•
READY mode (EBCCRnRDY=1, EBCCRN.PM=00)
•
Channel enable (EBCCRn.ME=1)
•
ISA/ATA pin select mode (PCFG.ISA_SEL=1, PCFG.ATA_SEL=1)
Program the number of wait cycles, the SHWT option and the bus speed according to the ISA
module used. Figure 7.3.18 shows an example of connecting a 16-bit ISA module to the TX4938.
Figure 7.3.18 An Example of Connecting an ATA Module
Since the ATA has a 16-bit data bus, the same considerations apply to the ATA module as for the
16-bit ISA module. With the EBUSC configured for a 16-bit bus, bits [3:1] of physical addresses
are driven out from ADDR[2:0]. Table 7.3.8 shows the relationships in offset addresses between
the ATA and the TX4938.
For byte accesses, the valid byte lane in the data bus differs, depending on whether the TX4938
is configured for big-endian or little-endian byte ordering. To access 8-bit registers in the ATA
address space, address conversion is required, as shown in Table 7.3.8.
Table 7.3.8 Relationships Between the ATA Addresses and Physical Addresses
TX4938 Physical Address Offset
8-Bit Access
ATA Address
Offset
ATA Register
Mnemonic
16-Bit Access
Little-Endian
Big-Endian
0x1F0
DTR (16bit)
0x103E0
-
-
0x1F1
ERR/FTR (8bit)
-
0x103E2
0x103E3
0x1F2
SCR (8bit)
-
0x103E4
0x103E5
0x1F3
SNR (8bit)
-
0x103E6
0x103E7
0x1F4
CLR (8bit)
-
0x103E8
0x103E9
0x1F5
CHR (8bit)
-
0x103EA
0x103EB
0x1F6
DHR (8bit)
-
0x103EC
0x103ED
CS[0]*
Space
0x1F7
STR/CMR (8bit)
-
0x103EE
0x103EF
CS[1]*
Space
0x3F6
ASR/DCR (8bit)
-
0x207EC
0x207ED
TX4938
ADDR[15:0]
DATA[15:0]
IOR*
IOW*
ACK*/READY
ISA-Module
SA[15:0]
SD[15:0]
IOR*
IOW*
IOCHRDY
AEN
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com