Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 135 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 135 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 132Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 134Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 135Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 136Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 137Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 138Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 139Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 716 page
background image
Chapter 7 External Bus Controller
7-25
7.4.1
External Bus Channel Control Register (EBCCRn)
0x9000 (ch. 0), 0x9008 (ch. 1)
0x9010 (ch. 2), 0x9018 (ch. 3)
0x9020 (ch. 4), 0x9028 (ch. 5)
0x9030 (ch. 6), 0x9038 (ch. 7)
Channel 0 can be used as Boot memory. Therefore, the default is set by the Boot signal (see 7.3.2
Global/Boot-up Options). Channels 1 - 7 have the same register configuration as Channel 0, but they
have different defaults than Channel 0.
When the EBCCRn is programmed using a sequence of 32-bit store instructions, the base address in
the high-order 32-bit portion of the register must be written first, followed by the Master Enable bit in
the low-order 32-bit portion.
63
48
BA[35:20]
R/W
:Type
0x01FC/0x0000
: Initial value
47
32
Reserved
: Type
: Initial value
31
23
22
21
20
19
18
17
16
Reserved
ISA
BSZ
PM
PWT
R/W
R/W
R/W
R/W
: Type
0
0
D[1:0]/00
0
0
11/00
: Initial value
15
12
11
8
7
6
5
4
3
2
0
WT
CS
BC
RDY
SP
ME
SHWT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
111(~D[4])/0000
0
0
1 / 0
0
D[5]/0
0
A[7:6]/00
A[8]/0
0
0
0
: Initial value
Only in the case of Channel 0 are fields with different defaults in the “Channel 0/Other channel” state.
D[ ] represents the corresponding Data[ ] signal value when the RESET* signal is deasserted. A[ ] represents
the corresponding ADDR[ ] signal value when the RESET* signal is deasserted.
Bit
Mnemonic
Field Name
Description
Read/Write
63:48
BA[35:20]
Base Address
External Bus Control Base Address (Default: 0x01FC/0x0000)
A physical address is used to specify the base address. The upper 16 bits
[35:20] of the physical address are compared to the value of this field.
R/W
47:24
Reserved
⎯
23:22
ISA
ISA/ATA Mode
ISA/ATA Mode (Default: 00)
Specifies the ISA I/O mode and ATA PIO mode.
00: ISA/ATA Mode disable
10: Reserved
01: ISA Mode enable
11: ATA Mode enable
R/W
21:20
BSZ
Bus Width
External Bus Control Bus Size (Default: DATA[1:0]/00)
Specifies the memory bus width.
00: Reserved
10: 16-bit width
01: 32-bit width
11: 8-bit width
Note: DATA[1:0] is set to Channel 0 as the default.
R/W
Figure 7.4.1 External Bus Channel Control Register (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com