| Electronic Components Datasheet Search |
|
TMPR4938 Datasheet(PDF) 250 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4938 Datasheet(HTML) 250 Page - Toshiba Semiconductor |
|
250 / 716 page ![]() Chapter 9 SDRAM Controller 9-16 9.3.10.4 ECC Memory Access 8-bit check code is used whether the data bus width is 64 bits or 32 bits. For 32-bit data bus width, check code is generated for and the error check is performed on 64-bit data that consists of two 32-bit data at the double word boundary. CB[7:0] are used for check code reading and writing when in the 64-bit mode. CB[3:0] are used for check code reading and writing when in the 32-bit mode. An 8-bit check code is used for 64- bit data. Similar to the data however, accesses to the memory are divided into half with 4 bits being accessed at a time. The upper 4 bits of the check code are accessed simultaneous to when the upper 32 bits of the data are written or read. Similarly, the lower 4 bits of the check code are accessed simultaneous to when the lower 32 bits of the data are written or read. All 64-bit data are always read and checked when set in the EC mode, ECC mode, or ECC + Scrub mode. Consequently, data at the double word boundary, including this data, is read and checked even when accessing data smaller than a double word (word access, byte access, etc.). Read-Modify-Write (RMW) is performed during a Write operation of less than a double word. First, 64 bits of data that include the address where the writing is performed is read. Then, check code is generated for new 64-bit data that has replaced the written data. Single-bit errors are corrected, but multi-bit errors are not. Therefore, if multi-bit errors are detected, no data are written back to memory. If data is being transferred between external I/O and memory during a DMAC single address transfer, check code will not be generated even if the ECC function has been enabled. 9.3.10.5 Diagnostic Mode Setting the Diagnostic Mode bit (ECCCR.DM) of the ECC Control Register makes it possible to use the Diagnostic Mode. When in this mode and writing to a channel for which the ECC function is enabled, the code that is set in the Diagnostic ECC field (ECCCR.DECC) is written in place of the code that was calculated from the Write data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |