Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 292 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 292 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 288Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 289Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 290Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 291Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 292Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 293Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 294Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 295Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 296Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 716 page
background image
Chapter 10 PCI Controller
10-16
3.
PDMAC Status Register (PDMSTATUS) Clearing
Clears any remaining status from a previous DMA transfer.
4.
PDMAC Configuration register (PDMCFG) Setting
Clears the Channel Reset bit (CHRST), and makes settings such as the data transfer direction
(XFRDIRC), and the data transfer unit size (XFRSIZE).
5.
DMA Transfer Initiation
Setting the Transfer Active bit (XFRACT) of the PDMAC Configuration Register initiates
DMA transfer.
6.
Termination Report
When the DMA data transfer terminates normally, the Normal Data Transfer Complete bit
(NTCMP) of the PDMAC Status Register (PDMSTATUS) is set. An interrupt is then reported
if the Normal Data Transfer Complete Interrupt Enable bit (NTCMPIE) of the PDMAC
Configuration Register is set.
If an error is detected during DMA transfer, the error cause is recorded in the lower 5 bits of
the PDMAC Status Register and the transfer is aborted. An interrupt is then reported if the
Error Detection Interrupt Enable bit (ERRIE) of the PDMAC Configuration register is set.
10.3.10.2 Chain DMA
DMA Command Descriptors are 4 QWORD (32-Byte) data structures indicated in Table 10.3.6
that are placed in memory.
Storing the starting memory address of another DMA Command Descriptor in the Offset 0
Chain Address Field makes it possible to configure a chain list for the DMA command Descriptor.
Set “0” in the Chain Address field of the DMA Command Descriptor at the end of the chain list.
When the DMA transfer specified by one DMA Command Descriptor ends, the PDMAC reads
the next DMA Command Descriptor that the Chain Address field automatically points to, then
continues the DMA transfer. Such continuous DMA transfer that uses multiple descriptors in a
chain format is referred to as the Chain DMA mode.
When a DMA Command Descriptor is placed to an address that does not extend across a 32
QWORD boundary in memory, this transfer method is more efficient since data can be read by a
single G-Bus Burst Read transaction.
Table 10.3.6 DMA Command Descriptors
Offset Address
Field Name
Transfer Destination Register
0x00
Chain Address
PDMAC Chain Address Register (PDMCA)
0x08
G-Bus Address
PDMAC G-Bus Address Register (PDMGA)
0x10
PCI Bus Address
PDMAC PCI Bus Address Register (PDMPA)
0x18
Count
PDMAC Count Register (PDMCTR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com