Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 294 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 294 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 290Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 291Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 292Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 293Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 294Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 295Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 296Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 297Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 298Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 716 page
background image
Chapter 10 PCI Controller
10-18
10.3.10.3 Dynamic Chain Operation
It is possible to dynamically add other DMA Command Descriptor Chains to a DMA Command
Descriptor Chain that is currently being processed when executing DMA data transfer. This is
done according to the following procedure.
1.
DMA Command Descriptor Chain Construction
Constructs a DMA Command Descriptor Chain in memory.
2.
Addition of DMA Command Descriptor Chains
Substitutes the address of the command descriptor that is at the beginning of the descriptor
chain to be added into the Descriptor Chain Address field at the end of the DMA Command
Descriptor Chain that is currently performing DMA transfer.
3.
Chain Enable bit checking
Reads the value of the Chain Enable bit (CHNEN) in the PDMAC Configuration Register
(PDMCFG). If the read value is “0”, then the Chain Address field value of the DMA
Command Descriptor indicated by the address stored in the PDMAC Chain Address Register
(PDMCA) is written to the PDMAC Chain Address Register (PDMCA)
10.3.10.4 Data Transfer Size
The Transfer Size field (PDMCFG.XFERSIZE) of the PDMAC Configuration Register specifies
the transfer size of each G-Bus transaction in a DMA transfer. The transfer size can be selected
from one of the following: 1 DWORD, 1 QWORD, or 4 QWORD (Burst transfer).
1 QWORD or 4 QWORD can only be selected as the transfer size when the setting of the
PDMAC G-Bus Address Register (PDMGA) and the PDMAC PCI Bus Address Register
(PDMPA) is a 64-bit address boundary and the PDMAC Count Register (PDMCTR) setting is an
8-byte multiple. 1 DWORD must be selected as the transfer size in all other cases.
10.3.11 Error Detection, Interrupt Reporting
The PCI Controller reports the four following types of interrupts to the Interrupt Controller (IRC).
•
Normal Operation Interrupt
(Interrupt Number: 16, PCIC)
•
PDMAC Interrupt
(Interrupt Number: 15, PDMAC)
•
Power Management Interrupt
(Interrupt Number: 23, PCIPME)
•
Error Detection Interrupt
(Interrupt Number: 22, PCIERR)
When each cause is detected, an interrupt is reported if the corresponding Status bit is set, and the
corresponding Interrupt Enable Bit is set. The following tables list the name of each interrupt cause, the
Status bit, and the Interrupt Enable bit. Please refer to the explanation of each Status bit for more
information regarding each interrupt cause.
10.3.11.1 Normal Operation Interrupt
Name
Status Bit
Interrupt Enable Bit
M66EN Signal Assert Detect
P2GSTATUS
M66EN
P2GMASK
M66ENIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com