Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 299 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 299 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 295Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 296Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 297Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 298Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 299Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 300Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 301Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 302Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 303Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 716 page
background image
Chapter 10 PCI Controller
10-23
10.3.14 Set Configuration Space
In Table 10.5.1, the values for the registers inside the PCI Configuration Space Register that have a
gray background can be rewritten using one of the two following methods.
10.3.14.1 Set the Configuration Space Using EEPROM
Load values during Reset by connecting standard 93C46/93C48 EEPROM to a dedicated port.
The PCI Controller reads 16-bit half-word data for address 2n (n: 0, 1, 2, …, 31) of the PCI
Configuration Space from EEPROM address (2n + 2 - 4(n mod 2)). Also, 16-bit data is read in
order from the upper bits to the lower bits. The EEPROM values that correspond to the registers in
Table 10.5.1 that have a white background are “don’t care”.
10.3.14.2 Set the Configuration Space Using Software Reset
By using the following procedure, it is possible to use the software to set the configuration
space without using EEPROM.
(1) Set the value to be loaded in the Configuration Data 0 Register (PCICDATA0), the
Configuration Data 1 Register (PCICDATA1), the Configuration Data 2 Register
(PCICDATA2), and the Configuration Data 3 Register (PCICDATA3).
(2) Set the Load Configuration Data Register bit (LCFG) of the PCI Controller Configuration
Register (PCICCFG) and the Software Reset bit (SRST).
(3) Clear the Software Reset bit (PCICCFG.SRST) at least four PCI Bus clock cycles later. This
starts loading the data.
After these processes are complete, please set the Target Configuration Access Ready bit
(PCICCFG.TCAR) of the PCI Controller Configuration Register to be able to accept access to the
PCI Configuration space.
10.3.15 PCI Clock
The PCI bus signals are synchronized by the PCI clock applied to the PCICLKIN pin. Therefore, in
PCI clock output mode, the PCI output clock must be connected to the PCICLKIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com