Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 302 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 302 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 298Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 299Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 300Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 301Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 302Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 303Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 304Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 305Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 306Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 716 page
background image
Chapter 10 PCI Controller
10-26
10.4.1 ID Register (PCIID)
0xD000[HH5]
The Device ID field corresponds to the Device ID Register in the PCI Configuration Space, and the
Vendor ID field corresponds to the Vendor ID register of the PCI Configuration Space.
This register cannot be access when in the Satellite mode.
31
16
DID
R/L
: Type
0x0183
: Initial value
15
0
VID
R/L
: Type
0x102F
: Initial value
Bits
Mnemonic
Field Name
Description
Read/Write
31:16
DID
Device ID
Device ID (Default: 0x0183)
This register indicates the ID that is allocated to a device. The ID can be
changed by loading data from a configuration EEPROM during initialization.
R/L
15:0
VID
Vendor ID
Vendor ID (Default: 0x102F)
This register indicates the device product that is allocated by PCI SIG. The
product allocation can be changed by loading data from a configuration
EEPROM during initialization.
R/L
Figure 10.4.1 ID Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com