Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 314 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 314 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 310Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 311Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 312Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 313Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 314Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 315Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 316Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 317Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 318Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 716 page
background image
Chapter 10 PCI Controller
10-38
10.4.13 PCI Configuration 2 Register (PCICFG2) 0xD03C
The following fields correspond to the following registers:
Max. Latency field
→ Max_Lat Register of the PCI Configuration Space
Min. Grant field
→ Min_Gnt Register of the PCI Configuration Space
Interrupt Pin field
→ Interrupt Pin Register of the PCI Configuration Space
Interrupt Line field
→ Interrupt Line Register of the PCI Configuration Space
This register cannot be accessed when the PCI Controller is in the Satellite mode.
31
24
23
16
ML
MG
R/L
R/L
: Type
0x0A
0x02
: Initial value
15
8
7
0
IP
IL
R/L
R/W
: Type
0x01
0x00
: Initial value
Bits
Mnemonic
Field Name
Description
Read/Write
31:24
ML
Maximum
Latency
Max_Lat (Maximum Latency) (Default: 0x0A)
00h: Does not use this register to determine PCI Bus priority.
01h-FFh: Specifies the time interval for requesting bus ownership.
In units of 250 ns, assuming the PCICLK is 33 MHz.
It is possible to change the maximum latency by loading data from
Configuration EEPROM during initialization.
R/L
23:16
MG
Minimum Grant
Min_Gnt (Minimum Grant) (Default: 0x02)
00h: Is not used to calculate the latency timer value.
01h-FFh: Sets the time required for Burst transfer.
In units of 250 ns, assuming the PCICLK is 33 MHz.
It is possible to change this value by loading data from Configuration
EEPROM during initialization.
R/L
15:8
IP
Interrupt Pin
Interrupt Pin (Default: 0x01)
Valid values: 00 - 04h
00h: Do not use interrupt signals.
01h: Use Interrupt signal INTA*
02h: Use Interrupt signal INTB*
03h: Use Interrupt signal INTC*
04h: Use Interrupt signal INTD*
05h - FFh: Reserved
It is possible to change this value by loading data from Configuration
EEPROM during initialization.
When using either the REQ[2]* signal or the PIO signal to report an
interrupt to an external device as the PCI device, please use EEPROM to
set the connection with that device.
R/L
7:0
IL
Interrupt Line
Interrupt Line (Default: 0x00)
This is a readable/writable 8-bit register. The software uses this register to
indicate information such as the interrupt signal connection information.
Operation of the TX4938 is not affected.
R/W
Figure 10.4.11 PCI Configuration 2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com