Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 310 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 310 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 306Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 307Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 308Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 309Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 310Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 311Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 312Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 313Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 314Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 716 page
background image
Chapter 10 PCI Controller
10-34
10.4.8 P2G Memory Space 1 PCI Upper Base Address Register (P2GM1PUBASE) 0xD01C
This register is unused since the PCI Controller does not support the target dual-address cycle. It is
forbidden to write to this register.
10.4.9 P2G Memory Space 2 PCI Base Address Register (P2GM2PBASE)
0xD020
This register corresponds to the Memory Space 2 Base Address Register at offset address 0x20 of the
PCI Configuration Space.
This register cannot be accessed when the PCI Controller is in the Satellite mode.
31
20
19
16
BA[31:20]
Reserved
R/W
: Type
0x000
: Initial value
15
4
3
2
1
0
Reserved
PF
TYPE
MSI
R
R
R
: Type
0
00
0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:20
BA[31:20]
Base Address
Base Address (Default: 0x00)
Sets the PCI base address in Target Access Memory Space 2. The size of
Memory Space 12 is fixed at 1 MB.
R/W
19:4
Reserved
⎯
3
PF
Prefetchable
Prefetchable (Fixed Value: 0)
0: Indicates that memory is not prefetchable.
R
2:1
TYPE
Type
Memory Type (Default: 00)
00: Indicates that an address is within a 32-bit address region.
R
0
MSI
Memory Space
Memory Space Indicator (Fixed Value: 0)
0: Indicates that this Base Address Register is for use by the PCI Memory
Space.
R
Figure 10.4.7 P2G Memory Space 2 PCI Base Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com