Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 308 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 308 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 304Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 305Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 306Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 307Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 308Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 309Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 310Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 311Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 312Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 716 page
background image
Chapter 10 PCI Controller
10-32
10.4.5 P2G Memory Space 0 PCI Lower Base Address Register (P2GM0PLBASE) 0xD010
This register corresponds to the Memory Space 0 Lower Base Address Register at offset address 0x10
of the PCI Configuration Space.
This register cannot be accessed when the PCI Controller is in the Satellite mode.
31
29
28
16
BA[31:29]
Reserved
R/W
: Type
0x00
: Initial value
15
4
3
2
1
0
Reserved
PF
TYPE
MSI
R
R
R
: Type
1
00
0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:29
BA[31:29]
Base Address
Base Address (Default: 0x00)
Sets the lower address of the PCI base address in Target Access Memory
Space 0. The size of Memory Space 0 is fixed at 512 MB.
R/W
28:4
Reserved
⎯
3
PF
Prefetchable
Prefetchable (Fixed Value: 1)
1: Indicates that memory is prefetchable.
R
2:1
TYPE
Type
Type (Default: 00)
00: Indicades that an address is within a 32-bit address region.
R
0
MSI
Memory Space
Memory Space Indicator (Fixed Value: 0)
0: Indicates that this Base Address Register is for use by the PCI Memory
Space.
R
Figure 10.4.5 P2G Memory Space 0 PCI Lower Base Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com