Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 58 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 58 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 54Page - Omron Electronics LLC F39-LSGA Datasheet HTML 55Page - Omron Electronics LLC F39-LSGA Datasheet HTML 56Page - Omron Electronics LLC F39-LSGA Datasheet HTML 57Page - Omron Electronics LLC F39-LSGA Datasheet HTML 58Page - Omron Electronics LLC F39-LSGA Datasheet HTML 59Page - Omron Electronics LLC F39-LSGA Datasheet HTML 60Page - Omron Electronics LLC F39-LSGA Datasheet HTML 61Page - Omron Electronics LLC F39-LSGA Datasheet HTML 62Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 109 page
background image
F3SG-SR/PG
58
Spatter Protection Cover
Spatter Protection Cover (F39-HSG, sold separately)
Connecting Cables
Root-Straight Cable
Root-Straight Cable for Emitter (F39-JGC-L, sold separately)
Root-Straight Cable for receiver or emitter/receiver of F3SG-PG Perimeter Guarding Passive Mirror
(F39-JGC-D, sold separately)
Root-Plug Cable for Extended
Root-Plug Cable for Extended for Emitter (F39-JGRK-L, sold separately)
Root-Plug Cable for Extended for receiver or emitter/receiver of F3SG-PG Perimeter Guarding Passive Mirror
(F39-JGRK-D, sold separately)
Emitter cable (Gray)
Receiver cable (Black)
Length (L)
F39-JG3C-L
F39-JG3C-D
3 m
F39-JG7C-L
F39-JG7C-D
7 m
F39-JG10C-L
F39-JG10C-D
10 m
Emitter cable (Gray)
Receiver cable (Black)
Length
F39-JGR3K-L
F39-JGR3K-D
0.3 m
L =
@@@@
Material: PC resin (Transparent cover)
ABS resin (Side)
L
11.1
34.2
Assembly Dimensions
Connector
L
16.4
2-M2.5 screw
31.6
Oil-resistant PVC-insulated round cable, dia. 6
minimum bending radius R5, 5-wire
(Cross section of conductor: 0.3 mm2/insulator diameter: dia. 1.1 mm/AWG24)
31.6
2-M2.5 screw
Connector
L
16.4
Oil-resistant PVC-insulated round cable, dia. 6
minimum bending radius R5, 8-wire
(Cross section of conductor: 0.3 mm2/insulator diameter: dia. 1.1 mm/AWG24)
Connector
M12 IP67 Connector
Oil-resistant PVC-insulated round cable, dia. 6
minimum bending radius R5, 5-wire
(Cross section of conductor: 0.2 mm2/insulator diameter: dia. 1.1 mm)
44.7
300
31.6
2-M2.5 screw
16.4
Connector
M12 IP67 Connector
2-M2.5 screw
31.6
44.7
300
16.4
Oil-resistant PVC-insulated round cable, dia. 6
minimum bending radius R5, 8-wire
(Cross section of conductor: 0.2 mm2/insulator diameter: dia. 1.1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com