Electronic Components Datasheet Search
  English  ▼

X  

F39-LSGA Datasheet(PDF) 28 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 28 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 24Page - Omron Electronics LLC F39-LSGA Datasheet HTML 25Page - Omron Electronics LLC F39-LSGA Datasheet HTML 26Page - Omron Electronics LLC F39-LSGA Datasheet HTML 27Page - Omron Electronics LLC F39-LSGA Datasheet HTML 28Page - Omron Electronics LLC F39-LSGA Datasheet HTML 29Page - Omron Electronics LLC F39-LSGA Datasheet HTML 30Page - Omron Electronics LLC F39-LSGA Datasheet HTML 31Page - Omron Electronics LLC F39-LSGA Datasheet HTML 32Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 109 page
background image
F3SG-SR/PG
28
Intelligent Tap F39-SGIT-IL3
Model
F39-SGIT-IL3
Applicable sensor
F3SG-SR/PG
Performance
Response time
Output ON to OFF and OFF to ON: 44 ms max. each *
* The response time is the time interval between the changes of the states of the sensor OSSD's and the DO (pin 2).
Startup waiting time
3 s max.
Electrical
Power supply voltage (Vs)
Supplied from external power source: SELV/PELV 24 VDC±20% (ripple p-p 10% max.)
USB bus powered: 5 VDC
Current consumption
85 mA max. (When connecting 24 VDC power supply and IO-Link Master)
Safety outputs (OSSD)
/Auxiliary output
Refer to the ratings and specifications of the F3SG-SR/PG. The safety outputs and auxiliary output of the
Intelligent Tap are directly connected to those of the F3SG-SR/PG.
Digital output for pin 2 (IO-Link)
*
One PNP transistor output
Load current: 100 mA max., Residual voltage: 2 V max., Leakage current: 1 mA max.
The DO is in the OFF state when the safety outputs are in the ON state. The DO is in the ON state when the
safety outputs are in the OFF state. (Regardless of the PNP/NPN setting of the F3SG-SR)
* For the DO (pin 2) of CN3
Input voltage
RESET, EDM
PNP
ON voltage: Vs-3 V to Vs (short circuit current: approx. 9.5 mA) *2
OFF voltage: 0 V to 1/2 Vs, or open (short circuit current: approx. 13.0 mA) *2
NPN
ON voltage: 0 to 3 V (short circuit current: approx. 13.0 mA)
OFF voltage: 1/2 Vs to Vs, or open (short circuit current: approx. 9.5 mA) *2
MUTE A/B,
PRE-RESET,
PSDI *1
PNP
ON voltage: Vs-3 V to Vs (short circuit current: approx. 4.5 mA) *2
OFF voltage: 0 V to 1/2 Vs, or open (short circuit current: approx. 7.0 mA) *2
NPN
ON voltage: 0 to 3 V (short circuit current: approx. 7.0 mA)
OFF voltage: 1/2 Vs to Vs, or open (short circuit current: approx. 4.5 mA) *2
*1. PSDI is only available for F3SG-SR.
*2. The Vs indicates a supply voltage value in your environment.
Overvoltage category
(IEC 60664-1)
II
Protective circuit
Output short-circuit protection, Output reverse polarity protection
Insulation resistance
20 M or higher (500 VDC megger)
Dielectric strength
1,000 VAC, 50/60 Hz (1 min)
Functional
Maintenance Information
Error Log
Power-ON Time
Environmental
Ambient
temperature
Operating
-30 to 55 °C (non-icing)
Storage
-30 to 70 °C
Ambient
humidity
Operating
35% to 85% (non-condensing)
Storage
35% to 85%
Degree of protection (IEC 60529) IP65, IP67 and IP67G (Covers and cables connected with the Intelligent Tap.)
Vibration resistance (IEC 61496-1) 10 to 55 Hz, Multiple amplitude of 0.7 mm, 20 sweeps for all 3 axes
Shock resistance (IEC 61496-1) 100 m/s2, 1000 shocks for all 3 axes
Pollution degree (IEC 60664-1)
3
Connections
To sensors, control box and IO-
Link
M12 connectors: 8-pin (CN1: receiver and CN2: control box) and 5-pin (CN3: IO-Link and CN4: emitter),
IP67 and IP67G (JIS C 0920 Annex 1) * rated when mated.
* The F3SG-SR meets the degree of protection when the root cable of the F3SG-SR is correctly connected
with the F3SG-SR.
Connection
USB Type-C
Cable extension
20 m max. between IO-Link Master and Intelligent Tap, 4 m max.* between PC and Intelligent Tap via USB
cable
* It is not guaranteed that the Intelligent Tap is connectable to any PC or USB cable. Verify the connection
with the USB cable you use.
IO-Link
communications
IO-Link version
Version 1.1
Baud rate
COM3: 230.4 kbps
Data length
PD: 4 bytes, OD: 32 bytes (M-sequence type: TYPE_2_V)
Minimum cycle time
22 ms
Material
PBT resin
Weight
F39-SGIT-IL3: 180 g (when packaged), F39-LITF1: 50 g (when packaged)
Included accessories
Instruction Sheet and M12 Connector Cover (2 pcs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com